Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTP112 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ACTP112
Description  High Carrying Current Type, Small & Slim Automotive Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTP112 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ACTP112 Datasheet HTML 1Page - Panasonic Semiconductor ACTP112 Datasheet HTML 2Page - Panasonic Semiconductor ACTP112 Datasheet HTML 3Page - Panasonic Semiconductor ACTP112 Datasheet HTML 4Page - Panasonic Semiconductor ACTP112 Datasheet HTML 5Page - Panasonic Semiconductor ACTP112 Datasheet HTML 6Page - Panasonic Semiconductor ACTP112 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Automotive Relays CT RELAYS POWER TYPE
Specifications
Item
Specifications
Contact data
Contact arrangement
1 Form C x 2, 1 Form C
Contact resistance
(initial)
Max. 100 mΩ (N.O. side: typ. 7 mΩ, N.C. side: typ. 10 mΩ) (By voltage drop 1 A 6 V DC)
Contact material
Ag alloy
Rated switching
capacity (resistive)
N.O. side: 30 A 14 V DC, N.C. side: 10 A 14 V DC
Max. carrying current*1 N.O. side: 25 A/1 hour, 40 A/2 min (Coil applied voltage 14 V DC, at 20°C)
Min. switching load
(resistive)*2
1 A 14 V DC (at 20°C)
Insulated resistance (initial)
Min. 100 MΩ (at 500 V DC, Measurement at same location as “Dielectric strength” section.)
Dielectric
strength
(initial)
Between open contacts 500 Vrms for 1 min (Detection current: 10 mA)
Between contacts and
coil
500 Vrms for 1 min (Detection current: 10 mA)
Time
characteristics
(initial)
Operate time
(at rated voltage)
Max. 10 ms (at 20°C, without contact bounce time)
Release time
(at rated voltage)
Max. 10 ms (at 20°C, without contact bounce time) (without diode)
Shock
resistance
Functional
Min. 100 m/s2 (Half-wave pulse of sine wave: 11 ms, detection time: 10 μs)
Destructive
Min. 1,000 m/s2 (Half-wave pulse of sine wave: 6 ms)
Vibration
resistance
Functional
10 to 100 Hz, Min. 44.1 m/s2 (Detection time: 10 μs)
Destructive
10 to 500 Hz, Min. 44.1 m/s2 (Time of vibration for each direction; X, Y direction: 2 hours, Z direction: 4 hours)
Expected life
Mechanical
Min.10 x 106 (at 120 times/min)
Electrical
<Resistive load> Min. 5 x 104 (at rated switching capacity, operating frequency: 1 s ON, 9 s OFF)
<Motor load>
N.O. side: Min. 105 at inrush 30 A, steady 7 A 14 V DC
Min. 5 x 104 at 30 A 14 V DC motor lock condition
N.C. side: Min. 105 at break current 15 A 14 V DC (operating frequency: 0.5 s ON, 9.5 s OFF)
Conditions
Conditions for usage,
transport and storage*3 Ambient temperature: -40 to +85°C, Humidity: 5 to 85% RH (Avoid icing and condensation)
Weight
Approx. 8 g (twin type), Approx. 4 g (1 Form C type)
Notes: *1.Depends on connection conditions. Also, this does not guarantee repeated switching. We recommend that you confirm operation under actual conditions.
*2.This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load.
*3.The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. For details, please refer to the “Automotive
Relay Users Guide”.
Please inquire our sales representative if you will be using the relay in a high temperature atmosphere (110°C).
★If the relay is used continuously for long periods of time with coils on both sides in an energized condition, breakdown might occur due to abnormal heating depending on the
carrying condition. Therefore, please inquire our sales representative when using with a circuit that causes an energized condition on both sides simultaneously.
REFERENCE DATA
1-1. Coil temperature rise
(at room temperature)
10 A
0 A
20 A
0
120
80
40
12
16
160
140
100
60
20
14
0
Sample: ACTP212, 3 pcs.
Carrying current: 0 A, 10 A, 20 A
Ambient temperature: Room temperature
Coil applied voltage (V)
1-2. Coil temperature rise
(at 85°C)
10 A
0 A
20 A
0
120
80
40
12
16
160
140
100
60
20
14
0
Coil applied voltage (V)
Sample: ACTP212, 3 pcs.
Carrying current: 0 A, 10 A, 20 A
Ambient temperature: 85°C
2.Ambient temperature and usable voltage
range
35
30
25
40
0
10
5
15
20
-40 -20
0
20
40
60
80 100 120
Operate voltage
(Cold start)
Operate voltage
(Cold start)
Usable voltage range
Usable voltage range
Ambient temperature (°C)
ASCTB229E 202204
Panasonic Industry Co., Ltd. 2022
ー 2 ー
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com