Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTP112 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ACTP112
Description  High Carrying Current Type, Small & Slim Automotive Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTP112 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ACTP112 Datasheet HTML 1Page - Panasonic Semiconductor ACTP112 Datasheet HTML 2Page - Panasonic Semiconductor ACTP112 Datasheet HTML 3Page - Panasonic Semiconductor ACTP112 Datasheet HTML 4Page - Panasonic Semiconductor ACTP112 Datasheet HTML 5Page - Panasonic Semiconductor ACTP112 Datasheet HTML 6Page - Panasonic Semiconductor ACTP112 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Automotive Relays CT RELAYS POWER TYPE
CAD
External dimensions
PC board pattern
(BOTTOM VIEW)
Schematic
(BOTTOM VIEW)
Twin type (10 pins)
CAD
External dimensions
PC board pattern
(BOTTOM VIEW)
Slim type (1 Form C)
Schematic
(BOTTOM VIEW)
15
6
1.25
9.5
17.4
14
2×0.4
+0.3
ー0.1
4×0.3
+0.3
ー0.1
2×1
+0.3
ー0.1
2×1
+0.3
ー0.1
2×0.4
+0.3
ー0.1
2×0.4
+0.3
ー0.1
4×0.8
+0.3
ー0.1
* Dimensions (thickness and width) of terminal is measured after pre-soldering.
Intervals between terminals is measured at A surface level.
Pre-soldering
(all terminals)
A surface
level
Tolerance
Max. 1mm : ±0.1
1 to 3 mm : ±0.2
Min. 3 mm : ±0.3
4×1.1
dia.(Coil terminal)
+0.1
0
9.5
6
15
 
6×1.4
dia.
(Except coil terminal)
+0.1
0
Tolerance: ±0.1
COIL
COIL
COIL
COIL
COM
N.O.
COM
N.O.
N.C.
N.C.
+0.3
ー0.1
0.4
2×0.8
15
1.25
6
1
+0.3
ー0.1
0.4
2×0.3
17.4
7.2
9.5
+0.3
ー0.1
1
+0.3
ー0.1
+0.3
ー0.1
+0.3
ー0.1
0.4
+0.3
ー0.1
* Dimensions (thickness and width) of is measured after pre-soldering.
Intervals between terminals is measured at A surface level.
Pre-soldering
(all terminals)
A surface
level
Tolerance
Max. 1mm : ±0.1
1 to 3 mm : ±0.2
Min. 3 mm : ±0.3
9.5
6
15
 
3×1.4
dia.
(Except coil terminal)
+0.1
0
2×1.1
dia.(Coil terminal)
+0.1
0
Tolerance: ±0.1
N.O.
COM
N.C.
COIL
COIL
For general cautions for use, please refer to the "Automotive Relay Users Guide".
GUIDELINES FOR USAGE
Please refer to
"the latest product specifications"
when designing your product.
•Requests to customers:
https://industrial.panasonic.com/ac/e/salespolicies/
ASCTB229E 202204
Panasonic Industry Co., Ltd. 2022
ー 5 ー
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com