Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTP112 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ACTP112
Description  High Carrying Current Type, Small & Slim Automotive Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTP112 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ACTP112 Datasheet HTML 1Page - Panasonic Semiconductor ACTP112 Datasheet HTML 2Page - Panasonic Semiconductor ACTP112 Datasheet HTML 3Page - Panasonic Semiconductor ACTP112 Datasheet HTML 4Page - Panasonic Semiconductor ACTP112 Datasheet HTML 5Page - Panasonic Semiconductor ACTP112 Datasheet HTML 6Page - Panasonic Semiconductor ACTP112 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Automotive Relays CT RELAYS POWER TYPE
DIMENSIONS
CAD
The CAD data of the products with a “CAD” mark can be downloaded from our Website.
Unit: mm
CAD
External dimensions
PC board pattern
(BOTTOM VIEW)
Twin type (8 pins)
Schematic
(BOTTOM VIEW)
5-2. Electrical life test (Motor lock)
M
10
20
30
0
8
10
4
2
6
40
50
0
5
0
5
2.5
0
2.5
0
100 ms
10 A
Min.
Max.
Ave.
Sample: ACTP212, 3 pcs.
Load: 30 A 14 V DC
Operating frequency: ON 0.5 s, OFF 9.5 s
Ambient temperature: Room temperature
Circuit:
Change of operate and release voltage
Max.
Max.
Min.
Min.
Ave.
Ave.
No. of operations (×104)
Change of contact resistance
Operate voltage
Operate voltage
Release voltage
Release voltage
Contact welding: 0 time
Miscontact: 0 time
Contact welding: 0 time
Miscontact: 0 time
Load current waveform
No. of operations (×104)
15
6
1.25
9.5
17.4
14
2×0.4
+0.3
ー0.1
4×0.3
+0.3
ー0.1
1
+0.3
ー0.1
1
+0.3
ー0.1
0.4
+0.3
ー0.1
0.4
+0.3
ー0.1
4×0.8
+0.3
ー0.1
* Dimensions (thickness and width) of terminal is measured after pre-soldering.
Intervals between terminals is measured at A surface level.
Pre-soldering
(all terminals)
A surface
level
Tolerance
Max. 1mm : ±0.1
1 to 3 mm : ±0.2
Min. 3 mm : ±0.3
9.5
6
15
 
4×1.4
dia.
(Except coil terminal)
+0.1
0
4×1.1
dia.
(Coil terminal)
+0.1
0
Tolerance: ±0.1
COIL
COIL
COIL
COIL
N.C.
N.O.
COM
COM
ASCTB229E 202204
Panasonic Industry Co., Ltd. 2022
ー 4 ー
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com