Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTP112 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ACTP112
Description  High Carrying Current Type, Small & Slim Automotive Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTP112 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ACTP112 Datasheet HTML 1Page - Panasonic Semiconductor ACTP112 Datasheet HTML 2Page - Panasonic Semiconductor ACTP112 Datasheet HTML 3Page - Panasonic Semiconductor ACTP112 Datasheet HTML 4Page - Panasonic Semiconductor ACTP112 Datasheet HTML 5Page - Panasonic Semiconductor ACTP112 Datasheet HTML 6Page - Panasonic Semiconductor ACTP112 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Automotive Relays CT RELAYS POWER TYPE
3.Distribution of operate and release voltage
0
10
20
30
40
50
0 1
2
3
5
4
6
7
Sample: ACTP212, 80 pcs.
Voltage (V)
Release voltage
Operate voltage
4.Distribution of operate and release time
0
30
40
50
60
20
10
1.0
0.8
1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
* Without diode
Sample: ACTP212, 80 pcs.
Operate and release time (ms)
Release time
Operate time
5-1.Electrical life test (Motor free)
M
10
20
30
0
8
10
4
2
6
40
50
0
10
0
10
5
0
5
0
100 ms
10 A
Sample: ACTP212, 3 pcs.
Load: Inrush current: 30 A, Steady current: 7 A
Brake current: 15 A 14 V DC,
Power window motor actual load
Operating frequency: ON 0.5 s, OFF 9.5 s
Ambient temperature: Room temperature
Circuit:
Min.
Max.
Ave.
Change of operate and release voltage
Max.
Max.
Min.
Min.
Ave.
Ave.
No. of operations (×104)
No. of operations (×104)
Change of contact resistance
Operate voltage
Operate voltage
Release voltage
Release voltage
Contact welding: 0 time
Miscontact: 0 time
Contact welding: 0 time
Miscontact: 0 time
Load: Inrush current: 30 A, Steady current: 7 A
Brake current: 15 A
Load current waveform
ASCTB229E 202204
Panasonic Industry Co., Ltd. 2022
ー 3 ー
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com