Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8MMINILPD4-EVKB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 8MMINILPD4-EVKB
Description  ABOUT THE i.MX 8M MINI EVK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

8MMINILPD4-EVKB Datasheet(HTML) 2 Page - NXP Semiconductors

  8MMINILPD4-EVKB Datasheet HTML 1Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 2Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 3Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 4Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 5Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 6Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 7Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 8Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Quick Start Guide
ABOUT THE i.MX 8M MINI EVK
The i.MX 8M Mini applications processor is a member of the i.MX 8M family of
products focused on delivering an excellent video and audio experience, combining
media-specific features with high-performance processing optimized for low-power
consumption.
Features
Compute Module:
• i.MX 8M Mini applications processor
with up to five cores:
– 4× Arm® Cortex®-A53
– 1× Arm Cortex-M4
• 2 GB, 32-bit LPDDR4
• eMMC 5.1, 16 GB
• 32MB QSPI NOR flash
• Power Management IC (PMIC)
• MIMO 1x1 Wi-Fi 802.11a/b/g/n/ac and
BT4.1
Base Board:
• MicroSD card connector
• 2 USB2.0 Type-C connectors, Port2 is
the only power supply port
• 1 Gbps Ethernet
• Mini-SAS MIPI-DSI connector for display
• Mini-SAS MIPI-CSI connector for
camera
• USB to serial converter for debug
• Infrared receiver
• LEDs for power indication and general-
purpose use
• M.2 connector for Wi-Fi/BT (PCIe, I2C,
etc.)
• 3.5 mm audio jack for amplified
speakers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com