Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8MMINILPD4-EVKB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 8MMINILPD4-EVKB
Description  ABOUT THE i.MX 8M MINI EVK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

8MMINILPD4-EVKB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 8MMINILPD4-EVKB Datasheet HTML 4Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 5Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 6Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 7Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 8Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 9Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 10Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 11Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
www.nxp.com
SETTING UP THE SYSTEM CONTINUED
3 Connect HDMI
Display
The MIPI-DSI to HDMI accessory card
and mini SAS cable are needed for
evaluating HDMI.
Connect the mini-SAS cable to J801
on the EVK (MIPI DSI Connector) and
connect the other end to J5 on the MIPI
to HDMI accessory card. Connect an
HDMI cable to J2 (HDMI port) on the
MIPI to HDMI accessory card and connect
the other end to a HDMI display panel.
Figure 4: Mini-SAS cable connected to the
mini-SAS connector (J5) on the MIPI-DSI to
HDMI accessory board.
Note: Color may differ
4 Connect
Mouse
Connect the mouse to J301 (USB Type-C
Port1) through the USB Type-C to A
adapter.
5 Connect Power
Supply
Connect the USB Type-C plug of the
Power Supply to J302 (USB Type-C Port2),
then power up the board using switch
SW101.
Use only J302 for power delivery to the
board.
6 Board
Boot Up
As the board boots up, you will see 4
penguins appear in the upper left-hand
corner of the monitor, and then you will
see the Android logo, then the Android
desktop. Congratulations, you are up and
running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com