Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8MMINILPD4-EVKB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 8MMINILPD4-EVKB
Description  ABOUT THE i.MX 8M MINI EVK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

8MMINILPD4-EVKB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 8MMINILPD4-EVKB Datasheet HTML 2Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 3Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 4Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 5Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 6Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 7Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 8Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 9Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
GETTING STARTED
6
Quick Start Guide
Unpack the Kit
The i.MX 8M Mini EVK (8MMINILPD4-EVK)
is shipped with the items listed in Table
1. Ensure the items are available in the
EVK box.
Table 1 Kit Contents
ITEM
DESCRIPTION
EVK Board
i.MX 8M Mini EVK
IMX-MIPI-HDMI
Accessory Card
MIPI-DSI to HDMI adapter
board
Power Supply
USB Type C 45W Power
Delivery Supply, 5V/3A; 9V/3A;
15V/3A; 20V/2.25A supported
Mini-SAS cable
8" mini-SAS cable
USB Type-C Cable
Cable – Assembly, USB 3.0,
Type-C Male to Type-A Male
USB micro-B Cable Cable – Assembly, USB 2.0,
Type-A Male to Micro-B Male
USB Type-C to A
Adapter
Adapter – USB 3.0, Type-C
Male to Type-A Female
Software
Android BSP image
programmed in eMMC
Documentation
Quick Start Guide
Prepare Accessories
The following items in Table 2 are
recommended to run the i.MX 8M Mini EVK.
Table 2 Customer
Supplied Accessories
ITEM
DESCRIPTION
HDMI Display
HDMI display that supports a
minimum resolution of 1080P60.
HDMI Cable
HDMI cable to connect the HDMI
board to HDMI display
Mouse
USB Mouse
USB HUB
2 or 4 port USB Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com