Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8MMINILPD4-EVKB Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 8MMINILPD4-EVKB
Description  ABOUT THE i.MX 8M MINI EVK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

8MMINILPD4-EVKB Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 8MMINILPD4-EVKB Datasheet HTML 4Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 5Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 6Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 7Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 8Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 9Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 10Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 11Page - NXP Semiconductors 8MMINILPD4-EVKB Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
www.nxp.com/iMX8MMINIEVK
NXP and the NXP logo are trademarks of NXP B.V. All other product or service names are the property of
their respective owners. © 2019 NXP B.V.
Document Number: 8MMINIEVKQSG REV 0
Agile Number: 926-31409 REV A
This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions:
(1) This device may not cause harmful interference, and
(2) This device must accept any interference received, including interference that may cause undesired operation.
Attention that changes or modification not expressly approved by the party responsible for compliance could void the user’s
authority to operate the equipment.
Note: This product has been tested and found to comply with the limits for a Class B digital device, pursuant to Part 15 of the FCC
Rules. These limits are designed to provide reasonable protection against harmful interference in a residential installation. This
product generates, uses, and can radiate radio frequency energy and, if not installed and used in accordance with the instructions,
may cause harmful interference to radio communications. However, there is no guarantee that interference will not occur in a
particular installation. If this product does cause harmful interference to radio or television reception, which can be determined
by turning the equipment off and on, the user is encouraged to try to correct the interference by one or more of the following
measures:
—Reorient or relocate the receiving antenna.
—Increase the separation between the equipment and receiver.
—Connect the equipment into an outlet on a circuit different from that to which the receiver is connected.
—Consult the dealer or an experienced radio/TV technician for help.
This equipment should be installed and operated with a minimum distance 20cm between the radiator and your body.
The following information is provided per Article 10.8 of the Radio Equipment Directive 2014/53/EU:
(a) Frequency bands in which the equipment operates.
(b) The maximum RF power transmitted.
PN
RF Technology
(a) Freq Ranges (EU)
(b) Max Transmitted Power
8MMINILPD4-EVK
WLAN 2.4GHz Mode 802.11b/g/n 2412MHz – 2472MHz
19.5dBm
WLAN 5GHz Mode 802.11a/n/ac
5180MHz – 5825MHz
17dBm
BLE
2402MHz – 2480MHz
4dBm
BT DH5 / 2DH5 / 3DH5
2402MHz – 2480MHz
10dBm
EUROPEAN DECLARATION OF CONFORMITY (Simplified DoC per Article 10.9 of the Radio Equipment Directive 2014/53/EU)
This apparatus, namely 8MMINILPD4-EVK, conforms to the Radio Equipment Directive 2014/53/EU.
The full EU Declaration of Conformity for this apparatus can be found at this location: www.nxp.com/i.MX8MMINI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com