Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2850MP Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2850MP
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2850MP Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2850MP Datasheet HTML 3Page - Analog Devices LTC2850MP Datasheet HTML 4Page - Analog Devices LTC2850MP Datasheet HTML 5Page - Analog Devices LTC2850MP Datasheet HTML 6Page - Analog Devices LTC2850MP Datasheet HTML 7Page - Analog Devices LTC2850MP Datasheet HTML 8Page - Analog Devices LTC2850MP Datasheet HTML 9Page - Analog Devices LTC2850MP Datasheet HTML 10Page - Analog Devices LTC2850MP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC2850/LTC2851/LTC2852
7
285012fe
For more information www.linear.com/LTC2850
Figure 5. Driver Enable and Disable Timing Measurements
DRIVER
DI
VCC
OR
GND
GND
OR
VCC
VCC
OR
GND
RL
RL
CL
285012 F05a
Y
Z
DE
CL
tZLD,
tZLSD
tZHD,
tZHSD
tHZD,
tSHDN
tLZD
1/2 VCC
1/2 VCC
1/2 VCC
DE
Y OR Z
Z OR Y
VCC
VCC
VOL
VO
VOH
0V
0V
0.5V
0.5V
285012 F05b
Figure 6. Receiver Propagation Delay Measurements
TEST CIRCUITS
A
B
VCM
±VAB/2
±VAB/2
RO
CL
285012 F06a
RECEIVER
tPLHR
tPHLR
90%
0
90%
10%
tR
90%
10%
tF
tSKEWR = |tPLHR – tPHLR|
90%
1/2 VCC
1/2 VCC
tRR
tFR
10%
285012 F06b
10%
VAB
VCC
VO
0
–VAB
RO
A-B
A
B
0V OR VCC
VCC OR 0V
RO
RE
CL
DI = 0V OR VCC
RL
VCC
OR
GND
285012 F07a
RECEIVER
tZLR,
tZLSR
tZHR,
tZHSR
tHZR
tLZR
1/2 VCC
1/2 VCC
1/2 VCC
RE
RO
RO
VCC
VCC
VOL
VO
VOH
0V
0V
0.5V
0.5V
285012 F07b
Figure 7. Receiver Enable/Disable Time Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com