Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2850MP Datasheet(PDF) 1 Page - Analog Devices

Part # LTC2850MP
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2850MP Datasheet(HTML) 1 Page - Analog Devices

  LTC2850MP Datasheet HTML 1Page - Analog Devices LTC2850MP Datasheet HTML 2Page - Analog Devices LTC2850MP Datasheet HTML 3Page - Analog Devices LTC2850MP Datasheet HTML 4Page - Analog Devices LTC2850MP Datasheet HTML 5Page - Analog Devices LTC2850MP Datasheet HTML 6Page - Analog Devices LTC2850MP Datasheet HTML 7Page - Analog Devices LTC2850MP Datasheet HTML 8Page - Analog Devices LTC2850MP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC2850/LTC2851/LTC2852
1
285012fe
For more information www.linear.com/LTC2850
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
3.3V 20Mbps RS485/RS422
Transceivers
The LTC®2850, LTC2851 and LTC2852 are low power,
20Mbps RS485/RS422 transceivers operating on 3.3V
supplies.Thereceiverhasaone-eighthunitloadsupporting
up to 256 nodes per bus (C-, I-grade), and a failsafe feature
that guarantees a high output state under conditions of
floating or shorted inputs.
The driver maintains a high output impedance over the
entire common mode range when disabled or when the
supplyisremoved.Excessivepowerdissipationcausedby
bus contention or a fault is prevented by current limiting
all outputs and by thermal shutdown.
Enhanced ESD protection allows these parts to withstand
up to ±15kV (human body model) on the transceiver
interface pins without latchup or damage.
LTC2850 at 20Mbps Into 54Ω
n
3.3V Supply Voltage
n
20Mbps Maximum Data Rate
n
No Damage or Latchup Up to ±15kV HBM
n
High Input Impedance Supports 256 Nodes
(C-, I-Grade)
n
Operation Up to 125°C (H-Grade)
n
Guaranteed Failsafe Receiver Operation Over the
Entire Common Mode Range
n
Current Limited Drivers and Thermal Shutdown
n
Delayed Micropower Shutdown: 5µA Maximum
(C-, I-Grade)
n
Power Up/Down Glitch-Free Driver Outputs
n
Low Operating Current: 370µA Typical in
Receive Mode
n
Compatible with TIA/EIA-485-A Specifications
n
Available in 8-Pin and 10-Pin 3mm × 3mm DFN,
8-Pin and 10-Pin MSOP, and 8-Pin and 14-Pin
SO Packages
n
Low Power RS485/RS422 Transceiver
n
Level Translator
n
Backplane Transceiver
VCC1
GND1
R
RO1
RE1
DE1
DI1
D
RT
LTC2850
LTC2850
RT
285012 TA01a
VCC2
GND2
R
RO2
RE2
DE2
DI2
D
PART NUMBER
DUPLEX
PACKAGE
LTC2850
Half
SO-8, MSOP-8, DFN-8
LTC2851
Full
SO-8, MSOP-8, DFN-8
LTC2852
Full
SO-14, MSOP-10, DFN-10
20ns/DIV
2V/DIV
285012 TA01b
DI
A
B
A-B
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTC2850MP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC2850 LINER-LTC2850 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2850 LINER-LTC2850 Datasheet
1Mb / 32P
짹60V Rugged PROFIBUS RS485 Transceivers
More results

Similar Description - LTC2850MP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2856-1 LINER-LTC2856-1_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-2 LINER-LTC2857-2_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com