Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2850MP Datasheet(PDF) 8 Page - Analog Devices

Part # LTC2850MP
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2850MP Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC2850MP Datasheet HTML 4Page - Analog Devices LTC2850MP Datasheet HTML 5Page - Analog Devices LTC2850MP Datasheet HTML 6Page - Analog Devices LTC2850MP Datasheet HTML 7Page - Analog Devices LTC2850MP Datasheet HTML 8Page - Analog Devices LTC2850MP Datasheet HTML 9Page - Analog Devices LTC2850MP Datasheet HTML 10Page - Analog Devices LTC2850MP Datasheet HTML 11Page - Analog Devices LTC2850MP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC2850/LTC2851/LTC2852
8
285012fe
For more information www.linear.com/LTC2850
OUTPUT CURRENT (mA)
0
0
2.0
3.0
3
4
5
6
285012 G07
3.5
2.5
1.0
1.5
0.5
1
2
SINK
SOURCE
TEMPERATURE (°C)
–40
35
55
65
0
40
80
120
285012 G08
70
60
40
45
50
–20
20
60
100
DATA RATE (Mbps)
0.1
0
30
50
1
100
285012 G09
60
40
10
20
10
CL = 100pF
RDIFF = 54
RDIFF = 100
RDIFF = ∞
TEMPERATURE (°C)
–40
80
120
140
0
40
80
120
285012 G04
150
130
90
100
110
–20
20
60
100
SINK
VOUT = 3.3V
SOURCE
VOUT = 0V
OUTPUT CURRENT (mA)
0
0
2.0
3.0
30
40
50
70
285012 G05
3.5
2.5
1.0
1.5
0.5
10
20
60
VOH
VOL
TEMPERATURE (°C)
–40
–1
0
1
0
40
80
120
285012 G01
2
–20
20
60
100
VAB = 1.5V
CL = 15pF
TEMPERATURE (°C)
–40
–1.5
0
1.0
0
40
80
120
285012 G02
1.5
0.5
–1.0
–0.5
–20
20
60
100
RDIFF = 54
CL = 100pF
TEMPERATURE (°C)
–40
4
12
16
0
40
80
120
285012 G03
18
14
6
8
10
–20
20
60
100
RDIFF = 54
CL = 100pF
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Skew vs Temperature
Driver Skew vs Temperature
Driver Propagation Delay
vs Temperature
Driver Output Short-Circuit
Current vs Temperature
Driver Output Low/High Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
Receiver Output Voltage vs
Output Current (Source and Sink)
Receiver Propagation Delay
vs Temperature
Supply Current vs Data Rate
TEMPERATURE (°C)
–40
0
40
80
120
285012 G06
–20
20
60
100
RDIFF = 54
RDIFF = 100
RDIFF = ∞
0
2.0
3.0
3.5
2.5
1.0
1.5
0.5
TA = 25°C. VCC = 3.3V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com