Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2850MP Datasheet(PDF) 18 Page - Analog Devices

Part # LTC2850MP
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2850MP Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC2850MP Datasheet HTML 10Page - Analog Devices LTC2850MP Datasheet HTML 11Page - Analog Devices LTC2850MP Datasheet HTML 12Page - Analog Devices LTC2850MP Datasheet HTML 13Page - Analog Devices LTC2850MP Datasheet HTML 14Page - Analog Devices LTC2850MP Datasheet HTML 15Page - Analog Devices LTC2850MP Datasheet HTML 16Page - Analog Devices LTC2850MP Datasheet HTML 17Page - Analog Devices LTC2850MP Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC2850/LTC2851/LTC2852
18
285012fe
LINEAR TECHNOLOGY CORPORATION 2007
LT 0615 REV E • PRINTED IN USA
For more information www.linear.com/LTC2850
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC485
Low Power RS485 Interface Transceiver
ICC = 300µA (Typ)
LTC491
Differential Driver and Receiver Pair
ICC = 300µA
LTC1480
3.3V Ultralow Power RS485 Transceiver
3.3V Operation
LTC1483
Ultralow Power RS485 Low EMI Transceiver
Controlled Driver Slew Rate
LTC1485
Differential Bus Transceiver
10Mbps Operation
LTC1487
Ultralow Power RS485 with Low EMI, Shutdown and High Input
Impedance
Up to 256 Transceiver on the Bus
LTC1520
50Mbps Precision Quad Line Receiver
Channel-to-Channel Skew 400ps (Typ)
LTC1535
Isolated RS485 Full-Duplex Transceiver
2500VRMS Isolation in Surface Mount Package
LTC1685
52Mbps RS485 Transceiver with Precision Delay
Propagation Delay Skew 500ps (Typ)
LT1785
60V Fault Protected RS485 Transceiver
60V Tolerant, 15kV ESD
LTC2854/LTC2855 3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable
Termination
3.3V Operation, Integrated, Switchable, 120Ω Termination
Resistor, 25kV ESD (LTC2854), 15kV ESD (LTC2855)
LTC2856-1
20Mbps and Slew Rate-Limited, 15kV RS485/RS422 Transceiver
15kV ESD
LTC2859/LTC2861 20Mbps RS485/RS422 Transceiver with Integrated Switchable
Termination
Integrated, Switchable, 120Ω Termination Resistor, 15kV ESD
LTC2862/LTC2865 ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
20Mbps, Protected from Overvoltage Line Faults to ±60V,
15kV ESD
LTM®2881
Complete Isolated RS485/RS422 µModule® Transceiver + Power
2500VRMS Isolation in Surface Mount BGA or LGA
Full Duplex Network Using the LTC2852 and LTC2855
D
TE = 3.3V
120
R
LTC2855
MASTER
R
D
LTC2852
SLAVE
TE = 3.3V
285012 TA04
D
R
LTC2855
SLAVE
R
D
LTC2852
SLAVE
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC2850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com