Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFR1V152S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUFR1V152S
Description  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1V152S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUFR1V152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FR-A series
*1: Ripple current (100 kHz / +105
℃)
*2: Impedance (100 kHz
 / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
Lead wire pitch
 ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
Characteristics list
10
6800
4700
1500
1000
EEUFR1A271( )
EEUFR1A471( )
EEUFR1A681( )
EEUFR1A821( )
EEUFR1A102( )
EEUFR1A102L( )
EEUFR1A152L( )
30.0
20.0
35.0
35.0
25.0
―
―
0.012
0.012
0.014
0.018
6.3
5600
1800
2200
8200
100
150
220
270
6800
2700
3300
3900
4700
5600
1000
1500
1800
2200
1200
150
220
330
470
820
16.0
15.0
20.0
16.0
20.0
25.0
25.0
11.0
11.0
11.2
11.2
11.5
25.0
25.0
20.0
25.0
30.0
35.0
11.5
15.0
12.5
20.0
10.0
11.0
11.2
11.2
11.2
11.5
0.041
0.030
0.028
0.300
0.130
0.130
0.130
0.056
0.056
0.041
100
100
EEUFR1A682L
EEUFR1A682( )
―
7.5
0.8
5.0
―
―
7.5
0.8
7.5
200
EEUFR1A472L
EEUFR1A472S( )
EEUFR1A562L
EEUFR1A392( )
0.6
EEUFR1A152( )
EEUFR1A182( )
EEUFR1A222L( )
EEUFR1A332( )
100
100
5.0
―
5.0
―
0.6
5.0
―
5.0
5.0
5.0
5.0
5.0
―
―
250
200
200
200
200
200
200
1000
1000
500
500
500
500
500
―
100
250
200
200
200
200
200
Capacitance
(±20 %)
(μF)
Case size
(
mm)
Specification
øD
L
2000
0.8
7.5
―
5.0
―
16.0
3820
10000
―
12.5
3750
10000
0.8
12.5
3750
10000
0.8
5.0
12.5
3630
10000
16.0
3300
0.013
0.017
3900
0.6
12.5
2600
10000
20.0
3300
12.5
3190
10000
0.015
25.0
10000
0.018
2470
10000
0.6
5.0
―
―
10.0
2180
10000
0.020
―
10.0
1790
8000
0.6
5.0
8.0
1560
9000
0.6
3.5
5.0
8000
0.6
3.5
―
0.6
5.0
―
500
10.0
1790
8000
8.0
1240
0.028
5.0
5.0
0.6
5.0
―
500
10.0
1290
6000
12.5
820
0.043
5.0
0.6
3.5
―
1000
8.0
950
6000
11.5
680
0.056
5.0
0.6
3.5
―
1000
8.0
950
6000
470
0.5
2.5
2.5
6.3
455
5000
0.130
0.056
5.0
5.0
5000
0.5
2.5
2.5
5.0
5000
5.0
10000
0.8
7.5
―
16.0
0.014
0.300
0.130
12.5
10000
0.6
16.0
10000
0.8
7.5
20.0
10000
0.8
5.0
0.013
0.012
0.017
0.018
0.015
8.0
6000
8.0
6000
0.6
5.0
8.0
9000
3.5
10.0
6000
0.6
8.0
8000
0.6
0.043
0.6
3.5
5.0
0.030
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
28-Feb-20
5.0
280
5.0
EEUFR1A221( )
200
2000
455
6.3
5.0
EEUFR1A151( )
200
2000
2.5
280
5000
0.5
2.0
0.300
5.0
EEUFR1A101( )
200
2000
2.5
280
0.5
2.0
7.5
EEUFR0J822( )
100
250
3820
EEUFR0J682S( )
100
250
3300
12.5
―
―
EEUFR0J682L
100
―
3750
10000
0.8
5.0
7.5
―
EEUFR0J562L
100
―
3630
12.5
5.0
EEUFR0J472( )
200
500
0.6
5.0
―
12.5
10000
―
―
EEUFR0J392( )
200
500
3190
500
2600
5.0
5.0
EEUFR0J332L( )
200
2470
10000
0.6
5.0
―
5.0
―
0.018
10.0
5.0
EEUFR0J272L( )
200
500
2470
10.0
5.0
EEUFR0J222( )
200
500
2180
10.0
10000
0.6
5.0
―
10000
0.6
5.0
―
0.020
0.018
20.0
EEUFR0J182( )
200
500
1790
10.0
5.0
EEUFR0J152L( )
200
1000
8000
0.6
5.0
―
―
5.0
0.028
16.0
EEUFR0J122( )
200
500
1560
1000
1290
5.0
5.0
EEUFR0J122L( )
200
―
―
EEUFR0J102( )
200
1000
1240
EEUFR0J821( )
200
1000
950
2000
950
5.0
5.0
EEUFR0J471( )
200
455
0.6
3.5
―
3.5
―
5000
0.5
2.5
2.5
6.3
5.0
EEUFR0J331( )
200
2000
EEUFR0J221( )
200
2000
455
6.3
5000
6.3
5000
0.5
0.5
2.5
2.5
2.5
2.5
Rated
voltage
(V)
Lead length (mm)
Part No.
Min. Packaging
Q'ty
(PCS)
2000
455
5.0
5.0
EEUFR0J151( )
200
Taping
Straight
Taping
✽B
Taping
✽H
Lead
dia.
(ød)
Lead space
Straight
leads
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
5000
0.5
2.0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com