Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFR1V152S Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # EEUFR1V152S
Description  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1V152S Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button EEUFR1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 10Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 11Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Matters to Be Observed When Using This Product
■ The product life is given by the following equation.
L2 = L1 x 2
L1 : Guaranteed life (h) at temperature T1 (
℃)
L2 : Expected life (h) at temperature T2 (
℃)
* In the case of a hybrid type, category temperature (
℃)
T1 : Upper category temperature (
℃)
+ temperature increase caused by rated ripple current (
℃)
T2 : Ambient temperature of capacitor (
℃)
⊿T : Temperature increase caused by ripple current (
℃)
■ Do not use the product for a period longer than its specified service life. A capacitor with its service life ended may
cause the following problems: rapid degradation of the product characteristics, short circuit, unnecessary activation of
the pressure valve, electrolytic solution leakage, etc. Note that the estimated service life is not longer than 15 years due
to the limited environment-resistant property of the sealing rubber.
■ When the capacitor is used under a high-temperature condition for a long period, minute cracks develop on the surface
of the sealing rubber or the case surface turns brown in some cases. These phenomena, however, have no effects on
the reliability of the capacitor.
■ A capacitor conforming to "AEC-Q200" refers to a capacitor having passed some or all of evaluation test items defined
in AEC-Q200.
To know the detailed specifications of each capacitor or specific evaluation test scores, please contact us.
We issue a the product specifications sheet for each product ordered. Please confirm the product specifications
sheet when you place an order to us.
■ The electrical characteristics change as a result of temperature/frequency fluctuations. Take electrical characteristic
changes into consideration when working out a circuit design.
(1) Temperature fluctuations
High-temperature condition
: increase in leak current
Low-temperature condition
: decrease in capacitance, increase in the tangent to the loss angle,
increase in impedance (the hybrid type is excluded), etc.
(2) Frequency fluctuations
High-frequency condition
: decrease in capacitance, increase in the tangent to the loss angle,
decrease in impedance, etc.
Low-frequency condition
: more heat generation by ripple current as a result of an increase in
equivalent series resistance
■ The group of factors described below may lead to rapid degradation of the capacitor characteristics, short circuit, or
electrolytic solution leakage. They may give rise to sharp heat/gas generation, too, in which case the increasing internal
pressure actuates the pressure valve, causes the electrolytic solution to leak out of the sealing part, and, in a worst-case
scenario, causes an explosion or ignition incident. When a capacitor bursts, it may scatter flammable materials
(electrolytic solution, etc.) in its surroundings.
(1) Reverse voltage: The capacitor has preset polarity. Do not apply a reverse voltage to the capacitor.
Confirm the polarity indicated on the capacitor and then use it.
(2) Charge/discharge: Avoid using the capacitor in a circuit that frequently repeats sharp charge/discharge cycles or a
circuit that requires
 relatively slow but highly frequent charge/discharge cycles. In cases where you use the capacitor
in such circuits, make sure to inform us of the charge/discharge conditions.
Ensure that a rush current does not exceed 100 A.
(3) ON/OFF: Avoid using the capacitor in an on/off circuit that repeatedly switches on and off more than 10,000 times a
day. In cases where you use the product in such circuits, make sure to inform us of the circuit conditions, etc.
(4) Overvoltage: Do not apply an overvoltage higher than the rated voltage (higher than the surge voltage when the
voltage application period is short). A peak value given by superposing a ripple voltage (AC component) on a DC
voltage must be equal to or lower than the rated voltage.
(5) Ripple current: Do not allow an excessively large ripple current (larger than the rated ripple current specified in the
specifications) to flow through the capacitor. Even if a ripple current flow in the capacitor is equal to or smaller than the
rated ripple current, a reverse voltage flow may be generated in the capacitor when the DC bias voltage is low flow in
the capacitor. Keep the ripple current flow within a range in which no reverse voltage is generated.
Even if the ripple current flow is kept equal to or smaller than the rated ripple current, using the capacitor for a period
longer than its service life intensifies the degradation of the ESR characteristics, resulting in an increase in internal
heating caused by the ripple current. As a result, the pressure valve is actuated, the exterior case or rubber swells,
the electrolytic solution leaks, and, in a worst-case scenario, the capacitor short-circuits and ignites or explodes.
1-Dec-23
 Circuit design and circuit board design
T1-(T2+⊿T)
10
Where T1 ≧ T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com