Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFR1V152S Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEUFR1V152S
Description  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1V152S Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEUFR1V152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FR-A series
*1: Ripple current (100 kHz / +105
℃)
*2: Impedance (100 kHz
 / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
Lead wire pitch
 ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
680
100
560
270
150
63
680
820
100
330
390
470
180
220
50
820
25.0
20.0
1000
18
47
82
20.0
25.0
25.0
30.0
20.0
35.0
16.0
20.0
25.0
20.0
25.0
20.0
12.5
12.5
10.0
10.0
120
100
0.021
0.024
0.084
25.0
11.0
15.0
12.5
20.0
16.0
20.0
0.033
0.033
0.027
0.027
0.024
0.029
0.050
0.045
0.035
0.033
0.035
0.033
0.510
0.210
10000
10000
10000
10000
10000
10000
10000
―
7.5
10000
10000
10000
10000
10000
EEUFR1J471( )
EEUFR1J561L
―
―
―
5.0
―
―
5.0
5.0
5.0
5.0
5.0
―
7.5
―
100
100
200
EEUFR1J121L( )
EEUFR1J121( )
EEUFR1J151L( )
EEUFR1J151( )
EEUFR1J181( )
EEUFR1J221L( )
200
200
200
200
200
100
EEUFR1J271U( )
EEUFR1J561S( )
EEUFR1J681L
EEUFR1J821( )
EEUFR2A101( )
EEUFR1J271L( )
EEUFR1J271( )
EEUFR1J331( )
EEUFR1J391( )
250
―
250
500
200
200
200
200
200
200
500
500
500
500
500
―
1000
500
1000
500
500
200
500
100
35
150
220
270
470
560
10
22
47
56
100
120
4.7
820
1000
1200
680
470
33
2200
1800
1500
68
180
330
390
11.0
11.0
11.0
11.2
11.2
16.0
12.5
16.0
16.0
12.5
12.5
10.0
10.0
6.3
20.0
5.0
5.0
5.0
10.0
12.5
0.030
0.030
0.020
0.018
1330
0.014
0.620
6.3
12.5
25.0
12.5
12.5
10.0
25.0
3820
8.0
8.0
25.0
1560
25.0
0.015
0.013
10.0
11.0
11.2
11.5
15.0
20.0
20.0
20.0
455
405
30.0
0.340
0.340
3750
3820
3300
3630
2600
2470
1240
250
185
250
1790
3750
3190
2470
0.140
0.140
0.061
0.045
5000
5000
6000
6000
6000
8000
0.043
9000
5000
5000
5000
5000
6000
8000
0.300
0.130
0.056
0.056
5000
5000
10000
10000
10000
10000
10000
10000
10000
10000
5.0
10000
5.0
280
EEUFR1V222( )
EEUFR1H100( )
EEUFR1H470( )
0.6
5.0
―
10000
7.5
―
10.0
1500
―
16.0
2988
0.8
12.5
2780
0.8
5.0
0.8
7.5
2528
16.0
2153
0.6
5.0
―
12.5
1995
0.6
5.0
―
12.5
1995
0.8
5.0
1582
0.6
5.0
12.5
1582
0.6
5.0
―
0.6
5.0
―
5.0
1229
10.0
1500
0.6
5.0
―
500
10.0
1500
5.0
0.6
5.0
―
10.0
1073
0.6
5.0
8.0
930
0.6
3.5
5.0
5.0
9000
8000
10.0
1073
5.0
5.0
9000
8000
0.6
0.050
1229
5.0
0.6
5.0
8.0
741
6.3
284
8.0
566
3.5
―
8.0
930
12.5
5.0
―
10000
10000
10000
10000
5.0
175
16.0
3320
―
16.0
2870
―
10000
10000
0.016
35.0
10000
5000
12.5
3270 0.014
8.0
870
―
6.3
405
5.0
―
―
10.0
1170
―
8.0
1140
15.0
0.042
0.033
11.5
6000
9000
2.5
270
―
8.0
950
―
8.0
950
220
11.5
10.0
6000
0.043
5.0
―
0.056
0.041
8.0
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
28-Feb-20
5.0
EEUFR1J101( )
200
500
EEUFR1J101L( )
200
1000
0.6
5.0
10.0
761
―
8000
6000
0.068
0.063
5.0
―
0.045
0.6
1000
0.6
3.5
5.0
5.0
EEUFR1J820( )
200
11.5
0.6
3.5
6000
0.092
―
―
EEUFR1J470( )
200
2000
2.5
11.2
0.5
2.5
5.0
EEUFR1J180( )
200
2000
2.5
5.0
5000
EEUFR1H102( )
100
250
0.5
2.0
250
0.8
7.5
7.5
7.5
EEUFR1H821S( )
100
―
EEUFR1H821L
100
―
20.0
0.8
7.5
―
0.8
5.0
―
―
EEUFR1H681L
100
30.0
0.8
5.0
3160
―
0.019
0.016
EEUFR1H561( )
200
500
EEUFR1H471( )
200
500
25.0
0.6
5.0
―
2660
2260 0.022
0.018
20.0
500
0.6
5.0
5.0
5.0
EEUFR1H331L( )
200
330
25.0
0.6
5.0
10.0
2150
―
12.5
0.022
EEUFR1H271( )
200
500
EEUFR1H221( )
200
500
20.0
0.6
5.0
―
5.0
―
10000
0.023
1650 0.030
16.0
8000
1890
1000
0.6
5.0
5.0
5.0
EEUFR1H181L( )
200
180
20.0
0.6
3.5
8.0
1430
10.0
EEUFR1H151( )
200
500
EEUFR1H121L( )
200
1000
12.5
0.6
5.0
5.0
200
1000
0.6
3.5
5.0
3.5
5.0
EEUFR1H560( )
200
2000
0.6
EEUFR1H101( )
200
2000
0.5
2.5
2.5
5.0
―
5.0
EEUFR1H220( )
200
2000
0.5
2.5
200
2000
0.5
2.0
2.0
5.0
2.5
5.0
EEUFR1H4R7( )
200
2000
0.5
2.5
100
250
0.5
2.0
7.5
―
EEUFR1V222L
100
―
0.8
7.5
―
―
250
0.8
5.0
7.5
EEUFR1V182( )
100
25.0
0.8
7.5
35.0
0.014
0.012
―
EEUFR1V182L
100
―
35.0
0.8
5.0
EEUFR1V152S( )
100
250
―
―
0.017
0.012
7.5
―
EEUFR1V152L
100
―
0.8
7.5
500
0.8
5.0
―
5.0
EEUFR1V122( )
200
0.6
5.0
―
―
EEUFR1V102( )
200
500
EEUFR1V821L( )
200
500
20.0
0.6
5.0
10000
5.0
0.018
0.018
―
―
500
0.6
5.0
5.0
5.0
EEUFR1V681L( )
200
EEUFR1V681( )
200
500
0.6
5.0
―
―
500
0.6
5.0
5.0
5.0
EEUFR1V561( )
200
560
20.0
0.6
5.0
10.0
2180
―
10.0
2180
10000
0.020
10000
EEUFR1V471( )
200
500
16.0
0.6
5.0
5.0
―
EEUFR1V471L( )
200
1000
―
9000
8000
5.0
0.028
1560
EEUFR1V391L( )
200
1000
0.6
3.5
500
0.6
3.5
5.0
5.0
EEUFR1V331U( )
200
0.6
5.0
―
―
EEUFR1V271( )
200
500
EEUFR1V271L( )
200
1000
12.5
0.6
5.0
1290
―
1000
0.6
3.5
5.0
5.0
―
EEUFR1V221( )
200
EEUFR1V181( )
200
1000
0.6
3.5
1000
0.6
3.5
5.0
5.0
EEUFR1V101( )
200
100
11.5
0.6
3.5
8.0
950
EEUFR1V680( )
200
2000
2.5
EEUFR1V330( )
200
2000
0.5
2.5
0.5
2.0
5.0
2.5
Characteristics list
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Case size
(
mm)
Specification
Lead length (mm)
Part No.
Min. Packaging
Q'ty
(PCS)
øD
Straight
leads
Taping
Straight
Taping
✽B
Taping
✽H
L
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
Lead
dia.
(ød)
Lead space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com