Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFR1V152S Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # EEUFR1V152S
Description  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1V152S Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button EEUFR1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 10Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 11Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Matters to Be Observed When Using This Product
■ Confirm the applied pressure when using an automatically mounting process for a surface-mounted type capacitor.
Excessive pressure may result in increasing leak current, short circuit, the capacitor coming off from the board, and the
like. When automatically mounting the radial lead type capacitor, check the wear of a cutter for cutting the leads and
confirm that the angle of clinching the leads is not too acute with regards to the board. Clinching the leads at too acute
of an angle applies tensile stress to the leads, which may lead to destruction of the capacitor.
■ Follow soldering conditions (preheating, soldering temperature/time, the number of soldering, etc.) in the specification
sheet. A high peak temperature or a long heating time causes the degradation of electrical characteristics or a reduction
in the guaranteed life. Note that the specified soldering conditions indicate conditions under which the degradation of
capacitor characteristics do not occur but do not indicate conditions under which stable soldering can be performed.
Check and set conditions under which stable soldering can be performed, on a case-by-case basis. Measure the
temperature of the capacitor, using a thermocouple bonded to the top of the capacitor with an epoxy-based adhesive.
This temperature measurement must be conducted in a mass-production setup.
■ The surface-mounted type capacitor is soldered by reflow soldering only. It cannot be soldered by flow soldering or
dip soldering. Carry out reflow soldering with an atmospheric heat transfer method using infrared hot air, etc.
When carrying out two rounds of reflow processes, carry out the second reflow process after the capacitor’s
temperature settles down to a normal temperature. In the case of VPS reflow, a sharp rise in the capacitor
temperature causes a change in the characteristics and appearance of the capacitor, which may give rise to a problem
with capacitor mounting. We therefore recommend execution of VPS flow at a temperature rise rate of 3
℃/second or
lower. For more information about this matter, please contact us.
■ Reflow soldering, under the reflow conditions we recommend, might result in discoloring or swelling of the case or
crack formation on the ink mark indicating the cathode. These minor problems, however, do not affect the reliability
of the capacitor at all.
■ A 6.3-mm diameter vibration-resistant capacitor has a structure that covers the auxiliary terminals to the sides of a
seat plate. In cases where you confirm formation of a fillet on the sides of the auxiliary terminals by an image
recognition means, etc., examine soldering conditions for the formation of a sufficient fillet on the auxiliary terminals
in advance before carrying out the soldering process.
Even if the formation of a sufficient fillet on the auxiliary terminals is not confirmed, a solder junction between the
lower surface of the auxiliary terminals and the board ensures vibration-resistant performance, meaning the
reliability of the capacitor is not affected.
■ The radial lead type capacitor cannot be soldered by reflow soldering. Do not dip the capacitor body, except the leads,
in solder. Heat from the solder raises the internal pressure of the capacitor and destroys it. Solder the capacitor
according to the following soldering conditions: soldering temperature of 260
℃ ±5 ℃ and soldering time of
10 seconds ±1 second.
■ Ensure that other components do not come in contact with the capacitor during the soldering process. When a
radial lead type capacitor is set in close contact with the board, check the soldered state of the capacitor well,
because its sealing rubber has no venting structure.
■ When manually soldering the capacitor, follow the soldering conditions (soldering temperature/time) specified in the
specification sheet or adopt a soldering temperature of 350
℃ and a soldering time of 3 seconds or less.
When you need to remove a capacitor already soldered, remove it after the solder is melted sufficiently so that no
stress is applied to the terminals of the capacitor. Be careful not to let the solder iron tip touch the capacitor.
The solder iron touching the capacitor may damage the capacitor.
■ When the temperature of the capacitor becomes extremely high due to preheating, solidification of the setting resin,
etc., may cause the outer sleeve of the capacitor to shrink or crack. When treating the capacitor in a thermosetting
furnace, etc., place the capacitor in an atmosphere of 150
℃ for 2 minutes or less.
■ Do not tilt or twist the capacitor soldered to a printed board or hold the capacitor to carry the board or hit the capacitor
against something. Such actions apply a force to the internal elements through the terminals and may destroy the
product.
■ Using highly active halogenous (chlorine-based or bromic) solder flux poses a concern that residual solder flux
will have negative impact on the performance and reliability of the capacitor. Check the influence of residual solder
flux before using such solder flux.
1-Dec-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com