Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST10F269Z2Q3 Datasheet HTML 119Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 120Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 121Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 122Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 123Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 124Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 125Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 126Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 161 page
background image
ST10F269Z2Qx
123/161
20.1 - Identification Registers
The ST10F269Z2Qx has four Identification registers, mapped in ESFR space. These register contain:
– A manufacturer identifier,
– A chip identifier, with its revision,
– A internal memory and size identifier and programming voltage description.
IDMANUF (F07Eh / 3Fh) 1
ESFR
Reset Value: 0401h
IDCHIP (F07Ch / 3Eh) 1
ESFR
Reset Value: 10DXh
IDMEM (F07Ah / 3Dh) 1
ESFR
Reset Value: 3040h
IDPROG (F078h / 3Ch) 1
ESFR
Reset Value: 0040h
Note : 1. All identification words are read only registers.
15
14
13
12
11
10
987654
3210
MANUF
0
0001
R
MANUF
Manufacturer Identifier - 020h: STMicroelectronics Manufacturer (JTAG worldwide
normalization).
15
14
13
12
11
10
987654
3210
CHIPID
REVID
RR
REVID
Device Revision Identifier
CHIPID
Device Identifier - 10Dh: ST10F269Z2Qx identifier.
15
14
13
12
11
10
9876543210
MEMTYP
MEMSIZE
RR
MEMSIZE
Internal Memory Size is calculated using the following formula:
Size = 4 x [MEMSIZE] (in K Byte) - 040h for ST10F269Z2Qx (256K Byte)
MEMTYP
Internal Memory Type - 3h for ST10F269Z2Qx (Flash memory).
15
14
13
12
11
10
987654
3210
PROGVPP
PROGVDD
RR
PROGVDD
Programming VDD Voltage
VDD voltage when programming EPROM or FLASH devices is calculated using the
following formula: VDD = 20 x [PROGVDD] / 256 (volts) - 40h for ST10F269Z2Qx (5V).
PROGVPP
Programming VPP Voltage (no need of external VPP) - 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com