Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST10F269Z2Q3 Datasheet HTML 120Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 121Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 122Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 123Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 124Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 125Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 126Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 127Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 161 page
background image
ST10F269Z2Qx
124/161
20.2 - System Configuration Registers
The ST10F269Z2Qx has registers used for different configuration of the overall system. These registers
are described below.
SYSCON (FF12h / 89h)
SFR
Reset Value: 0xx0h
Notes: 1. These bit are set directly or indirectly according to PORT0 and EA pin configuration during reset sequence.
2. Register SYSCON cannot be changed after execution of the EINIT instruction.
15 14 13
12
11
10
9876
5
4
3
2
1
0
STKSZ
ROMS1 SGTDIS ROMEN BYTDIS
CLKEN WRCFG CSCFG
PWD
CFG
OWD
DIS
BDR
STEN
XPEN VISIBLE
XPER-
SHARE
RW
RW
RW
RW1
RW1
RW
RW1
RW
RW
RW
RW
RW
RW
RW
XPER-SHARE
XBUS Peripheral Share Mode Control
‘0’: External accesses to XBUS peripherals are disabled
‘1’: XBUS peripherals are accessible via the external bus during hold mode
VISIBLE
Visible Mode Control
‘0’: Accesses to XBUS peripherals are done internally
‘1’: XBUS peripheral accesses are made visible on the external pins
XPEN
XBUS Peripheral Enable bit
‘0’: Accesses to the on-chip X-Peripherals and XRAM are disabled
‘1’: The on-chip X-Peripherals are enabled.
BDRSTEN
Bidirectional Reset Enable
‘0’: RSTIN pin is an input pin only. (SW Reset or WDT Reset have no effect on this pin)
‘1’: RSTIN pin is a bidirectional pin. This pin is pulled low during 1024 TCL during reset sequence.
OWDDIS
Oscillator Watchdog Disable Control
‘0’: Oscillator Watchdog (OWD) is enabled. If PLL is bypassed, the OWD monitors XTAL1 activity.
If there is no activity on XTAL1 for at least 1
µs, the CPU clock is switched automatically to PLL’s
base frequency (from 2 to 10MHz).
‘1’: OWD is disabled. If the PLL is bypassed, the CPU clock is always driven by XTAL1 signal. The
PLL is turned off to reduce power supply current.
PWDCFG
Power Down Mode Configuration Control
‘0’: Power Down Mode can only be entered during PWRDN instruction execution if NMI pin is low,
otherwise the instruction has no effect. Exit power down only with reset.
‘1’: Power Down Mode can only be entered during PWRDN instruction execution if all enabled fast
external interrupt EXxIN pins are in their inactive level. Exiting this mode can be done by asserting
one enabled EXxIN pin or with external reset.
CSCFG
Chip Select Configuration Control
‘0’: Latched Chip Select lines: CSx change 1 TCL after rising edge of ALE
‘1’: Unlatched Chip Select lines: CSx change with rising edge of ALE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com