Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST10F269Z2Q3 Datasheet HTML 131Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 132Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 133Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 134Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 135Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 136Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 137Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 138Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 161 page
background image
ST10F269Z2Qx
135/161
21.3.2 - Conversion Timing Control
When
a
conversion
is
started,
first
the
capacitances of the converter are loaded via the
respective analog input pin to the current analog
input voltage. The time to load the capacitances is
referred to as the sample time ts. Next the
sampled voltage is converted to a digital value in
10 successive steps, which correspond to the
10-bit resolution of the ADC. The next 4 steps are
used for equalizing internal levels (and are kept
for exact timing matching with the 10-bit A/D
converter module implemented in the ST10F168).
The current that has to be drawn from the sources
for sampling and changing charges depends on
the time that each respective step takes, because
the capacitors must reach their final voltage level
within the given time, at least with a certain
approximation. The maximum current, however,
that a source can deliver, depends on its internal
resistance.
The sample time tS (= 2 tSC) and the conversion
time tc (= 14 tCC + 2 tSC + 4 TCL) can be
programmed relatively to the ST10F269Z2Qx
CPU
clock.
This
allows
adjusting
the
A/D
converter of the ST10F269Z2Qx to the properties
of the system:
Fast
Conversion
can
be
achieved
by
programming
the
respective
times
to
their
absolute possible minimum. This is preferable for
scanning high frequency signals. The internal
resistance of analog source and analog supply
must be sufficiently low, however.
High Internal Resistance can be achieved by
programming the respective times to a higher
value,
or
the
possible
maximum.
This
is
preferable when using analog sources and supply
with a high internal resistance in order to keep the
current
as
low
as
possible.
However
the
conversion rate in this case may be considerably
lower.
The conversion times are programmed via the
upper four bit of register ADCON. Bit field ADCTC
(conversion
time
control)
selects
the
basic
conversion clock tCC, used for the 14 steps of
converting. The sample time tS is a multiple of this
conversion time and is selected by bit field
ADSTC (sample time control). The table below
lists the possible combinations. The timings refer
to the unit TCL, where fCPU = 1/2TCL.
A complete conversion will take 14 tCC + 2 tSC + 4 TCL (fastest conversion rate = 4.85µs at 40MHz). This
time includes the conversion itself, the sample time and the time required to transfer the digital value to
the result register.
Table 33 : ADC Sampling and Conversion Timing
ADCTC
Conversion Clock tCC
ADSTC
Sample Clock tSC
TCL = 1/2 x fXTAL
At fCPU = 40MHz
tSC =
At fCPU = 40MHz
and ADCTC = 00
00
TCL x 24
0.3
µs00
tCC
0.3
µs
01
Reserved, do not use
Reserved
01
tCC x 2
0.6
µs
10
TCL x 96
1.2
µs10
tCC x 4
1.2
µs
11
TCL x 48
0.6
µs11
tCC x 8
2.4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com