Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST10F269Z2Q3 Datasheet HTML 133Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 134Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 135Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 136Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 137Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 138Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 139Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 140Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 161 page
background image
ST10F269Z2Qx
137/161
The mechanism used to generate the CPU clock is selected during reset by the logic levels on pins
P0.15-13 (P0H.7-5).
21.4.3 - Clock Generation Modes
The Table 34 associates the combinations of these three bits with the respective clock generation mode.
Notes: 1. The external clock input range refers to a CPU clock range of 1...40MHz.
2. The maximum input frequency depends on the duty cycle of the external clock signal.
3. The maximum input frequency is 25MHz when using an external crystal with the internal oscillator; providing that internal serial
resistance of the crystal is less than 40
Ω. However, higher frequencies can be applied with an external clock source on pin XTAL1,
but in this case, the input clock signal must reach the defined levels VIL and VIH2..
Figure 67 : Generation Mechanisms for the CPU Clock
Table 34 : CPU Frequency Generation
P0H.7 P0H.6 P0H.5 CPU Frequency fCPU = fXTAL x F External Clock Input Range1
Notes
11
1
fXTAL x 4
2.5 to 10MHz
Default configuration
11
0
fXTAL x 3
3.33 to 13.33MHz
10
1
fXTAL x 2
5 to 20MHz
10
0
fXTAL x 5
2 to 8MHz
01
1
fXTAL x 1
1 to 40MHz
Direct drive2
01
0
fXTAL x 1.5
6.66 to 26.66MHz
00
1
fXTAL x 0.5
2 to 80MHz
CPU clock via prescaler3
00
0
fXTAL x 2.5
4 to 16MHz
TCL TCL
TCL TCL
fCPU
fXTAL
fCPU
fXTAL
Phase locked loop operation
Direct Clock Drive
TCL
TCL
fCPU
fXTAL
Prescaler Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com