Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6935 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6935
Description  High performance 3 A ULDO linear regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6935 Datasheet HTML 12Page - STMicroelectronics L6935 Datasheet HTML 13Page - STMicroelectronics L6935 Datasheet HTML 14Page - STMicroelectronics L6935 Datasheet HTML 15Page - STMicroelectronics L6935 Datasheet HTML 16Page - STMicroelectronics L6935 Datasheet HTML 17Page - STMicroelectronics L6935 Datasheet HTML 18Page - STMicroelectronics L6935 Datasheet HTML 19Page - STMicroelectronics L6935 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Demonstration board description
L6935
16/20
7
Demonstration board description
Figure 15 and Figure 16 show the schematic and the layout of the demonstration board
designed for L6935. VIN and VBIAS may be different and, in this case, R4 must not be
mounted. C3 defines the Soft-Start timer, according to the relationship described in the
Section 5.1.
The value of the output divider R1 / R2 have to be designed in order to program the desired
VOUT value, according to the following equation:
Figure 15.
Demonstration board schematic
Figure 16.
Demonstration board layout
V
OUT
0.5
=
1
R
1
R
2
-------
+
⎝⎠
⎛⎞
⋅
VIN
C4
R1
R2
VOUT
L6935
VIN
SS
GND
VOUT
ADJ
EN
VBIAS
PAD
VBIAS
R4
C2
C3
C6
PGOOD
R3
PGOOD
R5
C1
ADJ
EN
6
16,17,18
5
19
8, 9, 10
7
2
20
C5
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com