Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6935 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6935
Description  High performance 3 A ULDO linear regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935 Datasheet(HTML) 1 Page - STMicroelectronics

  L6935 Datasheet HTML 1Page - STMicroelectronics L6935 Datasheet HTML 2Page - STMicroelectronics L6935 Datasheet HTML 3Page - STMicroelectronics L6935 Datasheet HTML 4Page - STMicroelectronics L6935 Datasheet HTML 5Page - STMicroelectronics L6935 Datasheet HTML 6Page - STMicroelectronics L6935 Datasheet HTML 7Page - STMicroelectronics L6935 Datasheet HTML 8Page - STMicroelectronics L6935 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
May 2008
Rev 1
1/20
20
L6935
High performance 3 A ULDO linear regulator
Features
Up to 5 V input voltage range
60 mΩ max RDS(on)
35 µA shut-down current
3 A maximum output current
Split bias and power supplies
Adjustable output voltage: 0.5 V to 3.0 V
Excellent load and line regulation: 1 %
accuracy (over temperature)
MLCC supported
Programmable soft-start
Short-circuit protection
3.5 A overcurrent protection
Thermal shut-down
VFQFPN20 4 x 4 x 1.0 mm package
Applications
Motherboard
Mobile PC
Hand-held instruments
PCMCIA cards
Processors I/O
Chipset and RAM supply
Description
L6935 is an ultra low drop output linear regulator
operating up to 5 V input and is able to support
output current up to 3 A. Designed with an
internal low-RDS(on) N-channel MOSFET, it can
be used for on-board DC-DC conversions saving
in real estate, list of components and power
dissipation.
Bias input and power input are split to allow linear
conversion from buses lower than 1.2 V
minimizing power losses.
L6935 provides the application with an adjustable
voltage from 0.5 V to 3.0 V with a voltage
regulation accuracy of 1 %. soft-start is available
to program the output voltage rise-time according
to the external capacitor connected.
Enable and Power Good functions make L6935
suitable for complex systems and programmable
start-up sequencing.
The current limit at 3 A protects the system during
a short circuit. The current is sensed in the power
DMOS in order to limit the power dissipation.
Thermal shut down limits the internal temperature
at 150 °C with a hysteresis of 20 °C.
VFQFPN20
(4.0 x 4.0 x 1.0 mm)
Table 1.
Device summary
Order codes
Package
Packing
L6935
VFQFPN20
Tube
L6935TR
Tape and reel
www.st.com


Similar Part No. - L6935

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932 STMICROELECTRONICS-L6932 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
More results

Similar Description - L6935

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4957 STMICROELECTRONICS-L4957 Datasheet
63Kb / 7P
UP TO 4A ULDO LINEAR REGULATOR
Feb-2000
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
UP TO 5A ULDO LINEAR REGULATOR
May-2000
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
High performance 2A ULDO linear regulator
07-May-2007
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
High performance 2A ULDO linear regulator with Soft Start
22-Nov-2007
L4957AD-3.3 STMICROELECTRONICS-L4957AD-3.3 Datasheet
134Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
500mA Micropower ULDO??Linear Regulator
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
800mA High PSRR, ULDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com