Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6935 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6935
Description  High performance 3 A ULDO linear regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935 Datasheet(HTML) 4 Page - STMicroelectronics

  L6935 Datasheet HTML 1Page - STMicroelectronics L6935 Datasheet HTML 2Page - STMicroelectronics L6935 Datasheet HTML 3Page - STMicroelectronics L6935 Datasheet HTML 4Page - STMicroelectronics L6935 Datasheet HTML 5Page - STMicroelectronics L6935 Datasheet HTML 6Page - STMicroelectronics L6935 Datasheet HTML 7Page - STMicroelectronics L6935 Datasheet HTML 8Page - STMicroelectronics L6935 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Typical application circuit and block diagram
L6935
4/20
1.2
Block diagram
Figure 3.
Block diagram
REFERENCE
0.500V
CURRENT
LIMIT
THERMAL
SENSOR
ENABLE
EN
VIN
ADJ
PGOOD
GND
CHARGE
PUMP
ERROR
AMPLIFIER
DRIVER
VREF
0.9 VREF
+
-
VBIAS
+
-
SS
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com