Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6935 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6935
Description  High performance 3 A ULDO linear regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935 Datasheet(HTML) 5 Page - STMicroelectronics

  L6935 Datasheet HTML 1Page - STMicroelectronics L6935 Datasheet HTML 2Page - STMicroelectronics L6935 Datasheet HTML 3Page - STMicroelectronics L6935 Datasheet HTML 4Page - STMicroelectronics L6935 Datasheet HTML 5Page - STMicroelectronics L6935 Datasheet HTML 6Page - STMicroelectronics L6935 Datasheet HTML 7Page - STMicroelectronics L6935 Datasheet HTML 8Page - STMicroelectronics L6935 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Pins description and connection diagrams
L6935
5/20
2
Pins description and connection diagrams
Figure 4.
Pins connection (top view)
2.1
Pin descriptions
11
12
13
14
GND
N.C.
N.C.
PGOOD
N.C.
N.C.
N.C.
N.C.
2
3
4
5
L6935
10
987
16 17 18 19 20
N.C.
1
6
15
N.C.
Table 2.
Pins descriptions
Pin #
Name
Function
1
N.C.
Not internally connected.
2
GND
Ground connection. Connect to PCB ground plane.
3, 4
N.C.
Not internally connected.
5
PGOOD
Power Good output flag: the pin is open drain and it is forced low if the
output voltage is lower than 90 % of the programmed voltage. If not used, it
can be left floating.
6
VBIAS
Input bias supply. This pin supplies the internal logic to drive the power
N-channel MOSFET that realize the voltage conversion. Connect directly to
VIN or to a different supply ranging from VIN to 5 V.
The voltage connected to this pin MUST always be higher or equal that VIN.
7EN
Enables the device if a voltage higher than 1 V is applied.
When pulled low, the device is in low-power consumption: everything inside
the controller is kept OFF.
See Section 6.2 for details about EN signal and power sequencing.
8 to 10
VIN
Power supply voltage. This pin is connected to the drain of the internal
N-channel MOSFET.
Filter to GND with capacitor larger than the one used for VOUT.
11 to15
N.C.
Not internally connected.
16 to 18
VOUT
Regulated output voltage. This pin is connected to the source of the
internal N-mos. MLCC capacitor are supported. Filter to GND with
capacitor smaller than the one used for VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com