Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032D Datasheet(PDF) 20 Page - STMicroelectronics

Part # M58LW032D
Description  32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M58LW032D Datasheet HTML 16Page - STMicroelectronics M58LW032D Datasheet HTML 17Page - STMicroelectronics M58LW032D Datasheet HTML 18Page - STMicroelectronics M58LW032D Datasheet HTML 19Page - STMicroelectronics M58LW032D Datasheet HTML 20Page - STMicroelectronics M58LW032D Datasheet HTML 21Page - STMicroelectronics M58LW032D Datasheet HTML 22Page - STMicroelectronics M58LW032D Datasheet HTML 23Page - STMicroelectronics M58LW032D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
M58LW032D
20/50
STATUS REGISTER
The Status Register provides information on the
current or previous Program, Erase, Block Protect
or Blocks Unprotect operation. The various bits in
the Status Register convey information and errors
on the operation. They are output on DQ7-DQ0.
To read the Status Register the Read Status Reg-
ister command can be issued. The Status Register
is automatically read after Program, Erase, Block
Protect, Blocks Unprotect and Program/Erase Re-
sume commands. The Status Register can be
read from any address.
The contents of the Status Register can be updat-
ed during an Erase or Program operation by tog-
gling the Output Enable pin or by de-activating and
then reactivating the device (refer to Table
2., Device Enable).
Status Register bits SR5, SR4, SR3 and SR1 are
associated with various error conditions and can
only be reset with the Clear Status Register com-
mand. The Status Register bits are summarized in
Table 10., Status Register Bits. Refer to Table 10.
in conjunction with the following text descriptions.
Program/Erase Controller Status (SR7). The Pro-
gram/Erase Controller Status bit indicates whether
the Program/Erase Controller is active or inactive.
When the Program/Erase Controller Status bit is
Low, VOL, the Program/Erase Controller is active
and all other Status Register bits are High Imped-
ance; when the bit is High, VOH, the Program/
Erase Controller is inactive.
The Program/Erase Controller Status is Low im-
mediately after a Program/Erase Suspend com-
mand is issued until the Program/Erase Controller
pauses. After the Program/Erase Controller paus-
es the bit is High.
During Program, Erase, Block Protect and Blocks
Unprotect operations the Program/Erase Control-
ler Status bit can be polled to find the end of the
operation. The other bits in the Status Register
should not be tested until the Program/Erase Con-
troller completes the operation and the bit is High.
After the Program/Erase Controller completes its
operation the Erase Status, Program Status and
Block Protection Status bits should be tested for
errors.
Erase Suspend Status (SR6). The Erase Sus-
pend Status bit indicates that an Erase operation
has been suspended and is waiting to be re-
sumed. The Erase Suspend Status should only be
considered valid when the Program/Erase Con-
troller Status bit is High (Program/Erase Controller
inactive); after a Program/Erase Suspend com-
mand is issued the memory may still complete the
operation rather than entering the Suspend mode.
When the Erase Suspend Status bit is Low, VOL,
the Program/Erase Controller is active or has com-
pleted its operation; when the bit is High, VOH, a
Program/Erase Suspend command has been is-
sued and the memory is waiting for a Program/
Erase Resume command.
When a Program/Erase Resume command is is-
sued the Erase Suspend Status bit returns Low.
Erase Status (SR5). The Erase Status bit can be
used to identify if the memory has failed to verify
that the block has erased correctly or that all
blocks have been unprotected successfully. The
Erase Status bit should be read once the Program/
Erase Controller Status bit is High (Program/Erase
Controller inactive).
When the Erase Status bit is Low, VOL, the mem-
ory has successfully verified that the block has
erased correctly or all blocks have been unprotect-
ed successfully. When the Erase Status bit is
High, VOH, the erase operation has failed. De-
pending on the cause of the failure other Status
Register bits may also be set to High, VOH.
I
If only the Erase Status bit (SR5) is set High,
VOH, then the Program/Erase Controller has
applied the maximum number of pulses to the
block and still failed to verify that the block has
erased correctly or that all the blocks have
been unprotected successfully.
I
If the failure is due to an erase or blocks
unprotect with VPEN low, VOL, then VPEN
Status bit (SR3) is also set High, VOH.
I
If the failure is due to an erase on a protected
block then Block Protection Status bit (SR1) is
also set High, VOH.
I
If the failure is due to a program or erase
incorrect command sequence then Program
Status bit (SR4) is also set High, VOH.
Once set High, the Erase Status bit can only be re-
set Low by a Clear Status Register command or a
hardware reset. If set High it should be reset be-
fore a new Program or Erase command is issued,
otherwise the new command will appear to fail.
Program Status (SR4). The Program Status bit
is used to identify a Program or Block Protect fail-
ure. The Program Status bit should be read once
the Program/Erase Controller Status bit is High
(Program/Erase Controller inactive).
When the Program Status bit is Low, VOL, the
memory has successfully verified that the Write
Buffer has programmed correctly or the block is
protected. When the Program Status bit is High,
VOH, the program or block protect operation has
failed. Depending on the cause of the failure other
Status Register bits may also be set to High, VOH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com