Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032D Datasheet(PDF) 25 Page - STMicroelectronics

Part # M58LW032D
Description  32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M58LW032D Datasheet HTML 21Page - STMicroelectronics M58LW032D Datasheet HTML 22Page - STMicroelectronics M58LW032D Datasheet HTML 23Page - STMicroelectronics M58LW032D Datasheet HTML 24Page - STMicroelectronics M58LW032D Datasheet HTML 25Page - STMicroelectronics M58LW032D Datasheet HTML 26Page - STMicroelectronics M58LW032D Datasheet HTML 27Page - STMicroelectronics M58LW032D Datasheet HTML 28Page - STMicroelectronics M58LW032D Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
25/50
M58LW032D
Table 14. DC Characteristics
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VDDQ
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT
≤ VDDQ
±5
µA
IDD
Supply Current (Random Read)
E = VIL, f=5MHz
20
mA
IDDO
Supply Current (Page Read)
E = VIL, f=33MHz
29
mA
IDD1
Supply Current (Standby)
E = VIH, RP = VIH
40
µA
IDD5
Supply Current (Auto Low-Power)
E = VIL, RP = VIH
40
µA
IDD2
Supply Current (Reset/Power-Down)
RP = VIL
40
µA
IDD3
Supply Current (Program or Erase,
Block Protect, Block Unprotect)
Program or Erase operation in
progress
30
mA
IDD4
Supply Current
(Erase/Program Suspend)
E = VIH
40
µA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2
VDDQ + 0.5
V
VOL
Output Low Voltage
IOL = 100µA
0.2
V
VOH
Output High Voltage
IOH = –100µA
VDDQ –0.2
V
VLKO
VDD Supply Voltage (Erase and
Program lockout)
2V
VPENH
VPEN Supply Voltage (block erase,
program and block protect)
2.7
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com