Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032D Datasheet(PDF) 49 Page - STMicroelectronics

Part # M58LW032D
Description  32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M58LW032D Datasheet HTML 42Page - STMicroelectronics M58LW032D Datasheet HTML 43Page - STMicroelectronics M58LW032D Datasheet HTML 44Page - STMicroelectronics M58LW032D Datasheet HTML 45Page - STMicroelectronics M58LW032D Datasheet HTML 46Page - STMicroelectronics M58LW032D Datasheet HTML 47Page - STMicroelectronics M58LW032D Datasheet HTML 48Page - STMicroelectronics M58LW032D Datasheet HTML 49Page - STMicroelectronics M58LW032D Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
49/50
M58LW032D
REVISION HISTORY
Table 30. Document Revision History
Date
Version
Revision Details
04-Jun-2002
-01
First Issue
16-Jun-2002
1.1
Revision numbering modified: a minor revision will be indicated by incrementing the
digit after the dot, and a major revision, by incrementing the digit before the dot.
(revision version 01 becomes 1.0).
Figure 5. modified. tWHDX and tWHAX modified in Table 17.
06-Aug-2002
2.0
Device Code changed, Word Effective Programming Time modified, VDDQ range
modified (esp. in Tables 12 and 22, and VDDQ removed from note 1 below Table 9.).
Block Erase and Program Write Buffer Time parameters modified in Table 9.
90ns Speed Class added (Table 15, 16, 17, 18, 19 and 22 modified accordingly).
Figure 2., Logic Diagram, modified. VDD, VDDQ, VSS and VSSQ pin descriptions
modified. Document status changed from Product Preview to Preliminary Data.
14-Oct-2002
2.1
A0 Address Line described separately from others (A1-A21) in Table 1. and in
“SIGNAL DESCRIPTIONS” paragraph. Address Lines modified in Table 3., Bus
Operations. Byte signal added to Figure 9., Bus Read AC Waveforms, timings tELBL,
tBLQV and tBLQZ added to Table 15., Bus Read AC Characteristics, timings tAVLH and
tELLH removed from Table 18., Write AC Characteristics, Chip Enable Controlled. Chip
Enable Controlled. “Write 70h” removed from flowchart Figures 17 and 19. Table
3., Bus Operations, clarified. REVISION HISTORY moved to after the appendices.
16-Dec-2002
2.2
Table 9., Program, Erase Times and Program Erase Endurance Cycles modified.
Table 6., Read Electronic Signature clarified. Certain DU connections changed to NC
in Figure 4., TBGA64 Connections (Top view through package). x8 Address modified
in Table 24., Query Structure Overview. Note regarding A0 value in x8 mode added to
all CFI Tables. Block Protect setup command address modified in Table
4., Commands. Data and Descriptions clarified in CFI Table 29., Extended Query
information. IOSC parameter added to Absolute Maximum Ratings table. IDD and VLKO
clarified and IDDO and VPENH parameters added to DC Characteristics table. tPHWL
parameter added to Reset, Power-Down and Power-Up AC Waveforms figure and
Characteristics table.
30-May-2003
2.3
Summary Description clarified, Bus Operations clarified, READ MODES section
added, Status Register bit nomenclature modified, VPEN Invalid Error clarified in
Flowcharts. Lead-free packing options added to Ordering Information Scheme.
12-Sep-2003
2.4
tEHAX and tEHDX minimum values modified in Table 18., Write AC Characteristics,
Chip Enable Controlled.
Full datasheet.
13-Aug-2004
3.0
Lead-Free package options mentioned in FEATURES SUMMARY and SUMMARY
DESCRIPTION. TLEAD and note 1 added to Table 11., Absolute Maximum Ratings.
TSOP56 and TBGA64 package specifications updated (see Figure 14., Table 20.,
Figure 15. and Table 21.) Document moved to new template.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com