Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032D Datasheet(PDF) 26 Page - STMicroelectronics

Part # M58LW032D
Description  32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M58LW032D Datasheet HTML 22Page - STMicroelectronics M58LW032D Datasheet HTML 23Page - STMicroelectronics M58LW032D Datasheet HTML 24Page - STMicroelectronics M58LW032D Datasheet HTML 25Page - STMicroelectronics M58LW032D Datasheet HTML 26Page - STMicroelectronics M58LW032D Datasheet HTML 27Page - STMicroelectronics M58LW032D Datasheet HTML 28Page - STMicroelectronics M58LW032D Datasheet HTML 29Page - STMicroelectronics M58LW032D Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
M58LW032D
26/50
Figure 9. Bus Read AC Waveforms
Note: 1. VIH = Device Disabled (first edge of E0, E1 or E2), VIL = Device Enabled (first edge of E0, E1 or E2). Refer to Table 2. for more
details.
2. BYTE can be Low or High.
Table 15. Bus Read AC Characteristics.
Symbol
Parameter
Test Condition
M58LW032D
Unit
90
110
tAVAV
Address Valid to Address Valid
E = VIL, G = VIL
Min
90
110
ns
tAVQV
Address Valid to Output Valid
E = VIL, G = VIL
Max
90
110
ns
tAXQX
Address Transition to Output Transition
E = VIL, G = VIL
Min
0
0
ns
tBLQV
Byte Low (or High) to Output Valid
E = VIL, G = VIL
Max
1
1
µs
tBLQZ
Byte Low (or High) to Output Hi-Z
E = VIL, G = VIL
Max
1
1
µs
tEHQX
Chip Enable High to Output Transition
G = VIL
Min
0
0
ns
tEHQZ
Chip Enable High to Output Hi-Z
G = VIL
Max
25
25
ns
tELBL
Chip Enable Low to Byte Low (or High)
G = VIL
Max
10
10
ns
tELQX
Chip Enable Low to Output Transition
G = VIL
Min
0
0
ns
tELQV
Chip Enable Low to Output Valid
G = VIL
Max
90
110
ns
tGHQX
Output Enable High to Output Transition
E = VIL
Min
0
0
ns
tGHQZ
Output Enable High to Output Hi-Z
E = VIL
Max
15
15
ns
tGLQX
Output Enable Low to Output Transition
E = VIL
Min
0
0
ns
tGLQV
Output Enable Low to Output Valid
E = VIL
Max
25
25
ns
AI06239b
E2, E1, E0 (1)
G
A0-A21
DQ0-DQ15
VALID
tAXQX
tELQX
tAVQV
tGLQV
tEHQZ
tGHQX
OUTPUT
tAVAV
tEHQX
tGHQZ
tGLQX
tELQV
BYTE (2)
tELBL
tBLQV
tBLQZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com