Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R172L Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST10R172L
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172L Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST10R172L Datasheet HTML 60Page - STMicroelectronics ST10R172L Datasheet HTML 61Page - STMicroelectronics ST10R172L Datasheet HTML 62Page - STMicroelectronics ST10R172L Datasheet HTML 63Page - STMicroelectronics ST10R172L Datasheet HTML 64Page - STMicroelectronics ST10R172L Datasheet HTML 65Page - STMicroelectronics ST10R172L Datasheet HTML 66Page - STMicroelectronics ST10R172L Datasheet HTML 67Page - STMicroelectronics ST10R172L Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
65/68
ST10R172L - ELECTRICAL CHARACTERISTICS
.
1
The pending internal hold states are cancelled and the current internal access cycle (if
any) is completed.
2RSTIN pulled low by internal device during internal reset sequence.
3
The reset condition may ends here if RSTIN pin is sampled high after t72.
4
Internal pullup devices are active on the PORT0 lines. Their input level is high if the
respective pin is left open, or is low if the respective pin is connected to an external pull-
down device by resistive high (pullup) after t64.
5
The ST10R172L starts execution here at address 00’0000h.
6RSTOUT stays active until execution of the EINIT (End of Initialization) instruction.
7
Activation of the IO pins is controlled by software.
Figure 25 External synchronous hardware reset (warm reset): Vpp high
RSTIN
t70
PORT1
(Demux Bus)
t76
t711)
PORT0
t75
5)
Internal
Reset
Signal
t73
4)
t722)
t74
3)
ALE
RD, WR
RSTOUT 6)
Other IOs
7)
t77
t78
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com