Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R172L Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST10R172L
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172L Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST10R172L Datasheet HTML 8Page - STMicroelectronics ST10R172L Datasheet HTML 9Page - STMicroelectronics ST10R172L Datasheet HTML 10Page - STMicroelectronics ST10R172L Datasheet HTML 11Page - STMicroelectronics ST10R172L Datasheet HTML 12Page - STMicroelectronics ST10R172L Datasheet HTML 13Page - STMicroelectronics ST10R172L Datasheet HTML 14Page - STMicroelectronics ST10R172L Datasheet HTML 15Page - STMicroelectronics ST10R172L Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
12/68
ST10R172L - MEMORY MAPPING
3
MEMORY MAPPING
The ST10R172L is a ROMless device, the internal RAM space is 1 KByte. The RAM address
space is used for variables, register banks, the system stack, the PEC pointers (in 00’FCE0h
- 00’FCFFh) and the bit-addressable space (in 00’FD00h - 00’FDFFh).
Figure 3 Memory map
XSSP
Data Page 0
Data Page 1
Data Page 2
Data Page 3
00’0000h
00’4000h
00’8000h
00’F000h
00’F000h
00’FFFFh
00’0000h
00’1FFFh
8K-byte
00’EF00h
00’EFFFh
256 Byte
internal
memory
00’F000h
00’F200h
00’FE00h
00’FFFFh
SFR Area
(reserved)
1K-Byte
RAM/SFR
DPRAM / SFR Area
4 K-Byte
System Segment 0
64 K-Byte
External
memory
00’FE20h
00’FE3Fh
00’FF20h
00’FF3Fh
ESFR Area
(reserved)
00’F020h
00’F03Fh
00’FF20h
00’FF3Fh
RAM
00’FA00h
Block 1
Block 0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com