Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R172L Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST10R172L
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172L Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST10R172L Datasheet HTML 60Page - STMicroelectronics ST10R172L Datasheet HTML 61Page - STMicroelectronics ST10R172L Datasheet HTML 62Page - STMicroelectronics ST10R172L Datasheet HTML 63Page - STMicroelectronics ST10R172L Datasheet HTML 64Page - STMicroelectronics ST10R172L Datasheet HTML 65Page - STMicroelectronics ST10R172L Datasheet HTML 66Page - STMicroelectronics ST10R172L Datasheet HTML 67Page - STMicroelectronics ST10R172L Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
66/68
ST10R172L - ELECTRICAL CHARACTERISTICS
15.3.8 Synchronous Serial Port Timing
V
CC = 3.3 V
± 0.3 V
V
SS = 0 V
T
A = -40°C to +85 °C
C
L = 50 pF
Parameter
Symbol
Max. Baudrate
= 25 MBd
Variable Baudrate
= 0.2 to 25 MBd
min.
max.
min.
max.
SSP clock cycle time
t200 CC
40
40
4 TCL
512 TCL
ns
SSP clock high time
t201 CC
13
–
t200/2 - 7
–
ns
SSP clock low time
t202 CC
13
–
t200/2 - 7
–
ns
SSP clock rise time
t203 CC
–
3
–
3
ns
SSP clock fall time
t204 CC
–
3
–
3
ns
CE active before shift edge
t205 CC
13
–
t200/2 - 7
–
ns
CE inactive after latch edge
t206 CC
33
47
t200 - 7
t200 + 7
ns
Write data valid after shift edge
t207 CC
–
7
–
7
ns
Write data hold after shift edge
t208 CC
0
–
0
–
ns
Write data hold after latch edge
t209 CC
15
25
t200/2 - 5
t200/2 + 5 ns
Read data active after latch edge
t210 SR
27
–
t200/2 + 7
–
ns
Read data setup time before latch edge
t211 SR
15
–
15
–
ns
Read data hold time after latch edge
t212 SR
0
–
0
–
ns
Table 19 Synchronous serial port timing
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com