Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R172L Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST10R172L
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172L Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST10R172L Datasheet HTML 27Page - STMicroelectronics ST10R172L Datasheet HTML 28Page - STMicroelectronics ST10R172L Datasheet HTML 29Page - STMicroelectronics ST10R172L Datasheet HTML 30Page - STMicroelectronics ST10R172L Datasheet HTML 31Page - STMicroelectronics ST10R172L Datasheet HTML 32Page - STMicroelectronics ST10R172L Datasheet HTML 33Page - STMicroelectronics ST10R172L Datasheet HTML 34Page - STMicroelectronics ST10R172L Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
31/68
ST10R172L - ELECTRICAL CHARACTERISTICS
15
ELECTRICAL CHARACTERISTICS
15.1
Absolute Maximum Ratings
•
Ambient temperature under bias (TA): ......................................................-40°C to +85 °C
•
Storage temperature (TST):....................................................................... – 65 to +150 °C
•
Voltage on VDD pins with respect to ground (VSS):..................................... – 0.5 to +4.0 V
•
Voltage on any pin with respect to ground (VSS): ................................ –0.5 to VDD +0.5 V
•
Voltage on any 5V tolerant pin with respect to ground (VSS): .......................–0.5 to 5.5 V
•
Voltage on any 5V fail-safe pin with respect to ground (VSS): .......................–0.5 to 5.5 V
•
Input current on any pin during overload condition: .................................. –10 to +10 mA
•
Absolute sum of all input currents during overload condition: .............................|100 mA|
•
Power dissipation:.....................................................................................................1.0 W
Note
Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not guaranteed. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. During
overload conditions (VIN>VDD or VIN<VSS) the voltage on pins with respect to ground
(VSS) must not exceed the values defined by the Absolute Maximum Ratings.
The parameters listed in this section represent both the ST10R172L controller characteristics
and the system requirements. To aid parameters interpretation in design evaluation, the a
symbol column is marked:
CC for Controller Characteristics: The ST10R172L logic provides signals with the
respective timing characteristics.
SR for System Requirement:
The external system must provide signals with the
respective timing characteristics to the ST10R172L.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com