Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9313 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 35Page - SMSC Corporation LAN9313 Datasheet HTML 36Page - SMSC Corporation LAN9313 Datasheet HTML 37Page - SMSC Corporation LAN9313 Datasheet HTML 38Page - SMSC Corporation LAN9313 Datasheet HTML 39Page - SMSC Corporation LAN9313 Datasheet HTML 40Page - SMSC Corporation LAN9313 Datasheet HTML 41Page - SMSC Corporation LAN9313 Datasheet HTML 42Page - SMSC Corporation LAN9313 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
39
Revision 1.2 (04-08-08)
DATASHEET
Note 3.14 The input buffers are enabled when configured as GPIO inputs only.
Table 3.8 Miscellaneous Pins
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
77-79,
82
General
Purpose I/O
Data
GPIO[11:8]
IS/OD12/
O12
(PU)
Note 3.14
General Purpose I/O Data: These general
purpose signals are fully programmable as either
push-pull outputs, open-drain outputs, or Schmitt-
triggered inputs by writing the General Purpose I/O
Configuration Register (GPIO_CFG) and General
Purpose I/O Data & Direction Register
(GPIO_DATA_DIR). For more information, refer to
Chapter 12, "GPIO/LED Controller," on page 142.
Note:
The remaining GPIO[7:0] pins share
functionality with the LED output pins, as
described in Table 3.1 and Table 3.2.
63
Interrupt
Output
IRQ
O8/OD8
Interrupt Output: Interrupt request output. The
polarity, source and buffer type of this signal is
programmable via the Interrupt Configuration
Register (IRQ_CFG). For more information, refer to
Chapter 5, "System Interrupts," on page 52.
71
System Reset
Input
nRST
IS
(PU)
System Reset Input: This active low signal allows
external hardware to reset the LAN9313/LAN9313i.
The LAN9313/LAN9313i also contains an internal
power-on reset circuit. Thus, this signal may be left
unconnected if an external hardware reset is not
needed. When used, this signal must adhere to the
reset timing requirements as detailed in Section
14.5.2, "Reset and Configuration Strap Timing," on
page 390.
75
Test 1
TEST1
AI
Test 1: This pin must be tied to VDD33IO for
proper operation.
108
Test 2
TEST2
AI
Test 2: This pin must be tied to VDD33IO for
proper operation.
Table 3.9 PLL Pins
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
107
PLL +1.8V
Power Supply
VDD18PLL
P
PLL +1.8V Power Supply: This pin must be
connected to VDD18CORE for proper operation.
Refer to the LAN9313/LAN9313i application note
for additional connection information.
105
Crystal Input
XI
ICLK
Crystal Input: External 25MHz crystal input. This
signal can also be driven by a single-ended clock
oscillator. When this method is used, XO should be
left unconnected.
106
Crystal
Output
XO
OCLK
Crystal Output: External 25MHz crystal output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com