Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9313 Datasheet(PDF) 89 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 89 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 85Page - SMSC Corporation LAN9313 Datasheet HTML 86Page - SMSC Corporation LAN9313 Datasheet HTML 87Page - SMSC Corporation LAN9313 Datasheet HTML 88Page - SMSC Corporation LAN9313 Datasheet HTML 89Page - SMSC Corporation LAN9313 Datasheet HTML 90Page - SMSC Corporation LAN9313 Datasheet HTML 91Page - SMSC Corporation LAN9313 Datasheet HTML 92Page - SMSC Corporation LAN9313 Datasheet HTML 93Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
89
Revision 1.2 (04-08-08)
DATASHEET
7.2.2
100BASE-TX Receive
The 100BASE-TX receive data path is shown in Figure 7.3. Shaded blocks are those which are internal
to the PHY. Each major block is explained in the following sections.
7.2.2.1
A/D Converter
The MLT-3 data from the cable is fed into the PHY on inputs RXPx and RXNx (where “x” is replaced
with “1” for the Port 1 PHY, or “2” for the Port 2 PHY) via a 1:1 ratio transformer. The ADC samples
the incoming differential signal at a rate of 125M samples per second. Using a 64-level quantizer, 6
digital bits are generated to represent each sample. The DSP adjusts the gain of the A/D Converter
(ADC) according to the observed signal levels such that the full dynamic range of the ADC can be
used.
7.2.2.2
DSP: Equalizer, BLW Correction and Clock/Data Recovery
The 6 bits from the ADC are fed into the DSP block. The equalizer in the DSP section compensates
for phase and amplitude distortion caused by the physical channel (magnetics, connectors, and CAT-
5 cable). The equalizer can restore the signal for any good-quality CAT-5 cable between 1m and 150m.
If the DC content of the signal is such that the low-frequency components fall below the low frequency
pole of the isolation transformer, then the droop characteristics of the transformer will become
significant and Baseline Wander (BLW) on the received signal will result. To prevent corruption of the
received data, the PHY corrects for BLW and can receive the ANSI X3.263-1995 FDDI TP-PMD
defined “killer packet” with no bit errors.
The 100M PLL generates multiple phases of the 125MHz clock. A multiplexer, controlled by the timing
unit of the DSP, selects the optimum phase for sampling the data. This is used as the received
recovered clock. This clock is used to extract the serial data from the received signal.
Figure 7.3 100BASE-TX Receive Data Path
Port x
MAC
A/D
Converter
MLT-3
Converter
NRZI
Converter
4B/5B
Decoder
Magnetics
CAT-5
RJ45
100M
PLL
Internal
MII 25MHz by 4 bits
Internal
MII Receive Clock
25MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
6 bit Data
Descrambler
and SIPO
125 Mbps Serial
DSP: Timing
recovery, Equalizer
and BLW Correction
MLT-3
MII MAC
Interface
25MHz
by 4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com