Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9313 Datasheet(PDF) 85 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 85 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 81Page - SMSC Corporation LAN9313 Datasheet HTML 82Page - SMSC Corporation LAN9313 Datasheet HTML 83Page - SMSC Corporation LAN9313 Datasheet HTML 84Page - SMSC Corporation LAN9313 Datasheet HTML 85Page - SMSC Corporation LAN9313 Datasheet HTML 86Page - SMSC Corporation LAN9313 Datasheet HTML 87Page - SMSC Corporation LAN9313 Datasheet HTML 88Page - SMSC Corporation LAN9313 Datasheet HTML 89Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
85
Revision 1.2 (04-08-08)
DATASHEET
7.2
Port 1 & 2 PHYs
Functionally, each PHY can be divided into the following sections:
100BASE-TX Transmit and 100BASE-TX Receive
10BASE-T Transmit and 10BASE-T Receive
PHY Auto-negotiation
HP Auto-MDIX
MII MAC Interface
PHY Management Control
Note 7.1
Because the Port 1 PHY and Port 2 PHY are functionally identical, this section will describe
them as the “Port x PHY”, or simply “PHY”. Wherever a lowercase “x” has been appended
to a port or signal name, it can be replaced with “1” or “2” to indicate the Port 1 or Port 2
PHY respectively. All references to “PHY” in this section can be used interchangeably for
both the Port 1 & 2 PHYs. This nomenclature excludes the Virtual PHY.
A block diagram of the Port x PHYs main components can be seen in Figure 7.1.
Figure 7.1 Port x PHY Block Diagram
HP Auto-MDIX
TXPx/TXNx
RXPx/RXNx
To External
Port x Ethernet Pins
10/100
Transmitter
10/100
Reciever
MII
MAC
Interface
MII
MDIO
Auto-
Negotiation
To Port x
Switch Fabric MAC
To MII Mux
LEDs
PLL
PHY Management
Control
Registers
From
System Clocks Controller
To GPIO/LED
Controller
Interrupts
To System
Interrupt Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com