Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9313 Datasheet(PDF) 95 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 95 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 91Page - SMSC Corporation LAN9313 Datasheet HTML 92Page - SMSC Corporation LAN9313 Datasheet HTML 93Page - SMSC Corporation LAN9313 Datasheet HTML 94Page - SMSC Corporation LAN9313 Datasheet HTML 95Page - SMSC Corporation LAN9313 Datasheet HTML 96Page - SMSC Corporation LAN9313 Datasheet HTML 97Page - SMSC Corporation LAN9313 Datasheet HTML 98Page - SMSC Corporation LAN9313 Datasheet HTML 99Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
95
Revision 1.2 (04-08-08)
DATASHEET
7.2.5.5
Half Vs. Full-Duplex
Half-duplex operation relies on the CSMA/CD (Carrier Sense Multiple Access / Collision Detect)
protocol to handle network traffic and collisions. In this mode, the carrier sense signal, CRS, responds
to both transmit and receive activity. If data is received while the PHY is transmitting, a collision results.
In full-duplex mode, the PHY is able to transmit and receive data simultaneously. In this mode, CRS
responds only to receive activity. The CSMA/CD protocol does not apply and collision detection is
disabled.
7.2.6
HP Auto-MDIX
HP Auto-MDIX facilitates the use of CAT-3 (10 BASE-T) or CAT-5 (100 BASE-T) media UTP
interconnect cable without consideration of interface wiring scheme. If a user plugs in either a direct
connect LAN cable or a cross-over patch cable, as shown in Figure 7.4 (See Note 7.1 on page 85), the
PHY is capable of configuring the TXPx/TXNx and RXPx/RXNx twisted pair pins for correct transceiver
operation.
The internal logic of the device detects the TX and RX pins of the connecting device. Since the RX
and TX line pairs are interchangeable, special PCB design considerations are needed to accommodate
the symmetrical magnetics and termination of an Auto-MDIX design.
The Auto-MDIX function can be disabled through bit 15 (AMDIXCTRL) of the Port x PHY Special
Control/Status Indication Register (PHY_SPECIAL_CONTROL_STAT_IND_x). When AMDIXCTRL is
cleared, Auto-MDIX can be selected via the auto_mdix_strap_x configuration strap. The MDIX can also
be configured manually via the manual_mdix_strap_x if both the AMDIXCTRL bit and the
auto_mdix_strap_x configuration strap are low. Refer to Section 3.2, "Pin Descriptions," on page 28 for
more information on the configuration straps.
When bit 15 (AMDIXCTRL) of the Port x PHY Special Control/Status Indication Register
(PHY_SPECIAL_CONTROL_STAT_IND_x) is set to 1, the Auto-MDIX capability is determined by bits
13
and
14
of
the
Port
x
PH Y
Special
Control/St at us
Indicat i on
Register
(PHY_SPECIAL_CONTROL_STAT_IND_x).
7.2.7
MII MAC Interface
The MII MAC Interface is responsible for the transmission and reception of the Ethernet data to and
from the switch fabric MAC. The PHY is connected internally to the switch fabric MAC via standard
MII signals per IEEE 802.3.
Figure 7.4 Direct Cable Connection vs. Cross-Over Cable Connection
1
2
3
4
5
6
7
8
TXPx
TXNx
RXPx
Not Used
Not Used
RXNx
Not Used
Not Used
1
2
3
4
5
6
7
8
TXPx
TXNx
RXPx
Not Used
Not Used
RXNx
Not Used
Not Used
Direct Connect Cable
RJ-45 8-pin straight-through
for 10BASE-T/100BASE-TX
signaling
1
2
3
4
5
6
7
8
TXPx
TXNx
RXPx
Not Used
Not Used
RXNx
Not Used
Not Used
1
2
3
4
5
6
7
8
TXPx
TXNx
RXPx
Not Used
Not Used
RXNx
Not Used
Not Used
Cross-Over Cable
RJ-45 8-pin cross-over for
10BASE-T/100BASE-TX
signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com