Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP-232PC Datasheet(PDF) 9 Page - THAT Corporation All rights reserved.

Part # DLP-232PC
Description  2-Channel Digitally-Controlled Mic Preamp Demonstration Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

DLP-232PC Datasheet(HTML) 9 Page - THAT Corporation All rights reserved.

Back Button DLP-232PC Datasheet HTML 5Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 6Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 7Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 8Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 9Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 10Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 11Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 12Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 13Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
THAT 5263-DEMO Datasheet
Page 9 of 16
Document 600191 Rev 01
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation; All rights reserved.
Item
Qty
P/N
Title
Detail
Reference(m)
Mfr
Mfr P/N
31
13
140017
DIODE
RECTIFIER 1A 400V DO-
214AC S1G
D2, D3, D4, D5, D6, D7, D8,
D9, D12, D13, D14, D15,
D16
Diodes, Inc.
S1G-13-F
32
1
140035
TRANSISTOR
BIPOLAR NPN 20V 2A
SOT-23DSS4320T-7
Q1
Diodes, Inc.
DSS4320T-7
33
3
140146
LED
RED HIGH BRIGHTNESS
D1, D10, D11
Rohm
SLA-560LT3F
34
1
146292
IC
REGULATOR VOLTAGE
LOW DROP 3.3V SO-8
MAX604CSA
U10
Maxim / Dallas
MAX604CSA
35
2
146380
IC
OP AMP DUAL LOW
NOISE DMP-8 NJM2114M
U3, U5
NJR Corporation
NJM2114M
36
1
146381
IC
MULTIPLEXER QUAD 2
INPUT 74LVC157ADB,112
U11
NXP
74LVC157ADB,112
37
1
146462
IC
MULTIPLEXER SINGLE 2
INPUT
74LVC1G157GV,125
U13
NXP Semiconductors
74LVC1G157GV,125
38
1
146692
IC
AND GATE SINGLE SMT
SN74LVC1G08DBVR
U14
Texas Instruments
SN74LVC1G08DBVR
39
1
1580N16-U IC
IC DIFFERENTIAL AUDIO
PREAMPLIFIER LOW
NOISE
U2
THAT Corporation
1580N16-U
39A
1
1583N16-U IC
IC DIFFERENTIAL AUDIO
PREAMPLIFIER LOW
NOISE
U4
THAT Corporation
1583N16-U
40
1
250169
SWITCH
DIP SPST 4P DIP8
SW2
CTS Corporation
206-4
41
1
250177
SWITCH
PUSHBUTTON DPDT
SW1
E-Switch
PBH2UEENAGX
42
1
270914
PCB
5263 Marketing Demo
Board
43
1
280020
CONN
1P BINDING POST
CHASSIS MNT BLUE
J7
Pomona Electronics
3760-6
44
1
280100
CONN
1P BINDING POST
CHASSIS MNT YELLOW
J5
Pomona Electronics
3760-4
45
2
280440
CONN
60P 3 X 2 MALE GOLD
P9, P10
3M
2306-6121TG
46
6
280461
CONN
2P MALE STR GOLD 0.1" 2
X 1
P2, P3, P4, P6, P7, P8
Samtec USA
TSW-102-07-G-S
47
2
280499
CONN
6P MALE GOLD 0.1" 6 X 1
P11, P12
Molex
22-28-4063
48
1
280586
CONN
1P BINDING POST
CHASSIS MNT RED
J8
Pomona Electronics
3760-2
49
2
280587
CONN
1P BINDING POST
CHASSIS MNT GREEN
J6, J9
Pomona Electronics
3760-5
50
1
280588
CONN
1P BINDING POST
CHASSIS MNT BLACK
J10
Pomona Electronics
3760-0
51
26
280638
CONN
1P 1 X 1 TEST POINT SMT
0.015 THICK
TP1, TP2, TP3, TP4, TP5,
TP6, TP7, TP8, TP9, TP10,
TP11, TP12, TP13, TP14,
TP15, TP16, TP17, TP18,
TP19, TP20, TP21, TP22,
TP23, TP24, TP25, TP26
Keystone Electronics
Corporation
5016
52
2
280651
CONN
3P XLR-3C MALE RT
ANGLE
P1, P5
Neutrik USA Inc.
NC3MAH
53
2
280652
CONN
3P XLR - COMBO STEREO
RT ANGLE
J1, J3
Neutrik USA Inc.
NCJ6FI-H
54
4
311036
HARDWARE
STANDOFF 4-40 X 1/4" X
1" HEX SWAGE BRASS
MH1, MH2, MH3, MH4
RAF
3559-B-440-B-0
55
1
470644-00
PCBA
MODULE USB MICRO-
CONTROLLER DLP-232PC
DLP Design, Inc
DLP-232PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com