Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP-232PC Datasheet(PDF) 1 Page - THAT Corporation All rights reserved.

Part # DLP-232PC
Description  2-Channel Digitally-Controlled Mic Preamp Demonstration Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

DLP-232PC Datasheet(HTML) 1 Page - THAT Corporation All rights reserved.

  DLP-232PC Datasheet HTML 1Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 2Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 3Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 4Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 5Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 6Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 7Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 8Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation; All rights reserved. Document 600191 Rev 01
THAT5263 2-Channel Digitally-Controlled
Mic Preamp Demonstration Board
THAT 5263-DEMO
FEATURES
• Demonstrates a complete 2 channel digitally-controlled microphone preamplifier
system based on THAT5263 IC
• Controls gain of two microphone preamplifiers
• Balanced main audio input/output on XLR connectors
• Balanced TRS line input with -20dB pad
• Switchable phantom power (with external +48V)
• Supports pro audio signal levels: +26 dBu (input and output, ±15V supplies)
• Gain adjustable in 3 dB steps from 0 dB to 51 dB
• Easy to use PC Graphical User Interface software
• Generous prototyping area
DESCRIPTION
The THAT 5263-DEMO Digitally-Controlled Mic
Preamp Demo Board allows developers to evaluate
the THAT5263 digital gain controller IC with THAT
differential output microphone preamplifiers. A fully-
featured microphone preamplifier is demonstrated
with phantom power switching and fault protection,
mic/line inputs, RFI filtering, and output conditioning.
The board is controlled by a user-friendly PC graph-
ical user interface over USB.
Figure 1. THAT5263 Simplified Application Circuit
Phantom
Power
Fault
Protection
-20 dB
Pad
+48V
Phantom
Power
THAT1583
Preamp IC
Balanced
Output
Driver
Phantom
Power
Control
USB
Controller
Module
SPI
Control
Logic
SPI
Interface
1
1
+48V
Daisy
Chain
Headers
GPO_CH1
GPO_CH2
TP16
RA_CH2 RG1_CH2
IN1_CH2
IN2_CH2
RG2_CH2 RB_CH2
RA_CH1 RG1_CH1
IN1_CH1
IN2_CH1
RG2_CH1 RB_CH1
SCLK
CS
DOUT
DIN
TP11
BSY_CH1
BSY_CH2
Power Supply Connections
PPGND
J6
J5
J8
J9
J10
J7
+48V
V+
GND
V-
+5V
PP GND
Analog GND
R27 (0 Ohm)
SW1
MIC IN
LINE IN
LINE OUT
U11, U13
THAT5263
To
Host
Computer
U12
CHANNEL 2
U1
U4
U5
+
Phantom
Power
Fault
Protection
-20 dB
Pad
+48V
Phantom
Power
THAT1580
Preamp IC
Balanced
Output
Driver
3.3V
Voltage
Regulator
TP6
3.3V
U10
5V
TP1
MIC IN
LINE IN
LINE OUT
CHANNEL 1
U2
U3
+


Similar Part No. - DLP-232PC

ManufacturerPart #DatasheetDescription
logo
THAT Corporation All ri...
DLP-232PC THAT-DLP-232PC Datasheet
2Mb / 14P
Digital Preamplifier Controller Demonstration System
08/15/18
DLP-232PC THAT-DLP-232PC Datasheet
1Mb / 20P
THAT 626x 2-Channel Digitally-Controlled Mic Preamp-ADC Driver Demonstration System
06/14/18
More results

Similar Description - DLP-232PC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2163 AD-SSM2163 Datasheet
272Kb / 16P
Digitally Controlled 8 x 2 Audio Mixer
REV.0
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
Intersil Corporation
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
Digitally Controlled Potentiometer
September 26, 2006
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
Digitally Controlled Potentiometer
September 5, 2006
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
logo
Analog Devices
SSM2163 AD-SSM2163_15 Datasheet
215Kb / 16P
Digitally Controlled 8 3 2 Audio Mixer
REV. 0
logo
Intersil Corporation
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
Digitally Controlled Potentiometer
July 31, 2014
logo
List of Unclassifed Man...
286S ETC-286S Datasheet
1Mb / 2P
Channel Strip Processor 286s Mic Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com