Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP-232PC Datasheet(PDF) 14 Page - THAT Corporation All rights reserved.

Part # DLP-232PC
Description  2-Channel Digitally-Controlled Mic Preamp Demonstration Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

DLP-232PC Datasheet(HTML) 14 Page - THAT Corporation All rights reserved.

Back Button DLP-232PC Datasheet HTML 8Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 9Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 10Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 11Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 12Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 13Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 14Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 15Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 16Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
THAT 5263-DEMO Datasheet
Page 14 of 16
Document 600191 Rev 01
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation; All rights reserved.
Appendix E. 5263 + 1580 Specifications
1,2,3
Parameter
Symbol
Typical
Units
Power Supply Voltage
V+ - V-
s
15
V
Power Supply Current
(per channel)
I(V+),I(V-)
I(Vdd)
42
12 (All LEDs lit)
mA
Maximum Input Level
(V+ /V- =
s
15V)(1% THD)
VIN-BAL
+26
dBu
Maximum Differential Output Level
(V+ /V- =
s
15V)(1% THD)
(limited by the output driver)
VOUT
+28 (at 1580 output test points)
+27 (at XLR outputs)
dBu
Gain (input to output)
AdB
0 to 51 in 3dB steps
dB
Gain error (all settings)
Aerr
s
0.3 (typical)
dB
Total Harmonic Distortion + N
(f = 1kHz; BW = 22 kHz)
THD+N
0.0004 (0dB gain,VOUT =+10dBu)
0.0004 (+21dB gain,VOUT =+21dBu)
0.002 (+51dB gain,VOUT =+20dBu)
%
Equivalent Input Noise, Main Output
(RSOURCE=150 Ω, BW=22kHz)
EIN
-128 (+51dB gain)
-119.5 (+21dB gain)
-102.3 (0dB gain)(at 1580 output test points)
-101.8 (at XLR output; limited by output driver)
dBu
Channel Separation
(any combination of gain settings)
117 (1 kHz)
92 (20 kHz)
dB
1. All specifications are subject to change without notice.
2. Unless otherwise specified, TA=25ºC, VCC=+15V, VEE=-15V, VDD=+3.3V
3. All audio specifications include the effects of the differential output buffer stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com