Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP-232PC Datasheet(PDF) 3 Page - THAT Corporation All rights reserved.

Part # DLP-232PC
Description  2-Channel Digitally-Controlled Mic Preamp Demonstration Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

DLP-232PC Datasheet(HTML) 3 Page - THAT Corporation All rights reserved.

  DLP-232PC Datasheet HTML 1Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 2Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 3Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 4Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 5Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 6Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 7Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 8Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
THAT 5263-DEMO Datasheet
Page 3 of 16
Document 600191 Rev 01
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation; All rights reserved.
Power
The USB interface runs on USB bus power, but the
rest of the demo board requires an external power
supply. +/-15 V (maximum +/-17V) supplies the analog
circuitry. +48V phantom power is input (not generated
on the board) and switched on and off via the on-board
Phantom Power switch. Note that the ground return for
+48V phantom power is via the PPGND and connects to
the Analog ground via a zero ohm resistor. connector.
The +5V input is regulated on board to 3.3V and
supplies the digital logic.
Audio Input
The Neutrik combo connector accepts an XLR or ¼"
TRS cable. The 1/4" TRS signal path includes a 20dB
pad in order to support line levels.
Audio Output
The Output XLR connector provides access to the
balance audio output signal. Please note that the
differential attenuator/ output buffers (U3/U5) add a
small amount of noise and distortion to the signal and it
is therefore recommended that test points TP10 - TP11
be used to measure performance of the mic preamp
circuit in isolation.
USB
A PC must be plugged into the demo board via USB
in order to control parameters in the 5263. Take care
not to hot plug the demo board while the GUI software is
running as this will sometimes crash the Windows
drivers.
General Purpose Outputs (GPOA, GPOB) and
Busy Signal Outputs (BSYA, BSYB)
Each channel of the 5263 provides a GPO in addi-
tion to a digital busy signal (BSY). These pins are
connected to header P12 via small series resistors. The
GPOs are also connected to LEDs D10 and D11. The
LEDs can be enabled/disabled by the on-board DIP
switches SW2-1 and SW2-2. When enabled, these LEDs
can be controlled with the GPO check box on the GUI.
Connecting Multiple Demo Boards in Daisy
Chain Mode
Headers P9 and P10 provide easy access to the SPI
signals for linking multiple pairs of 5263 channels.
Please refer to the 5263 Data Sheet for complete details.
Note that the on-board DIP switches SW2-3 and SW2-4
control the Daisy Chain function. These switches must
to set to the OFF position (toward the left side of the
board) in order to insure proper operation in the normal
two channel mode.
Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com