Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX-Z12FA-R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EX-Z12FA-R
Description  Ultra-minute Photoelectric Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EX-Z12FA-R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EX-Z12FA-R Datasheet HTML 1Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 2Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 3Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 4Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 5Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 6Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 7Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Capable of sensing an extremely small ø0.3 mm
ø0.012 in object without slit EX-Z11□
The world’s thinnest* sensor dimension of
3 mm 0.118 in has been achieved by
utilizing new semiconductor packaging
technology that does not use wire bonding.
The small unit size allows installation of
sensors in a narrow space where only a
conventional fiber sensor head could be
installed before. The built-in amplifier also
saves on installation space.
* Among photoelectric sensors with built-in amplifier, as of
June 2015 (survey by our company)
A slit is provided on the front side of the main sensor body. The
sensor can detect a ø0.3 mm ø0.012 in object (the smallest-object
sensing capability in the industry*) without using an optional slit.
* Among photoelectric sensors with built-in amplifier, as of June 2015 (survey by our company)
The high-brightness 4-element red LED provides strong light
emission stably over a long period of time. In spite of the extremely
small size, both front sensing and side sensing units can sense a
small ø1.0 mm ø0.039 in object from a long distance of 500 mm
19.685 in. Since the spotlight is clearly visible, the sensing position
can be easily confirmed.
Ultra-minute Photoelectric Sensor Amplifier Built-in
EX-Z SERIES
Sensing of end of thin pipe
EX-Z13□
Sensing range: 500 mm 19.685 in
Repeatability: 0.05 mm 0.002 in or less
Minimum sensing object:
ø1.0 mm ø0.039 in opaque object
EX-Z12□
Sensing range: 200 mm 7.874 in
Repeatability: 0.03 mm 0.001 in or less
Minimum sensing object:
ø0.5 mm ø0.020 in opaque object
EX-Z11□
Sensing range: 50 mm 1.969 in
Repeatability: 0.02 mm 0.001 in or less
Minimum sensing object:
ø0.3 mm ø0.012 in opaque object
* Among photoelectric sensors with built-in amplifier, as of June 2015 (survey by our company)
The World’s Smallest* Size
Small-object sensing capability
Capability to sense a small ø1.0 mm ø0.039 in object
over long distance EX-Z13□
Unit volume ratio reduced by about 50%*
* As compared to EX-10 series
Front sensing type
Side sensing type
EX-Z1□F□
W8 × H14 × D3 mm
W0.315 × H0.551 × D0.118 in
EX-Z1□
W5.5 × H15.9 × D6.5 mm
W0.217 × H0.626 × D0.256 in
Approx.
50%smaller
in volume ratio
than
EX-10
Approx.
35%smaller
in volume ratio
than
EX-10
Built-in slit
EX-Z11□
Slit diameter: 0.3 mm 0.012 in
Clearly
visible
spotlight
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com