Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX-Z12FA-R Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EX-Z12FA-R
Description  Ultra-minute Photoelectric Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EX-Z12FA-R Datasheet(HTML) 6 Page - Panasonic Semiconductor

  EX-Z12FA-R Datasheet HTML 1Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 2Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 3Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 4Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 5Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 6Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 7Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
20
10
0
10
20
0
20
40
60
80
0.787
1.575
2.362
3.150
100
50
0
50
100
0.787
0.394
0.394
0.787
0
20
40
60
80
0.787
1.575
2.362
3.150
Operating position ℓ (mm in)
Center
Left
Right
Center
Left
Right
Operating angle θ (°)
Receiver
Emitter
L
ℓ
Receiver
Emitter
θ
L
100
50
0
50
100
3.937
1.969
1.969
3.937
0
100
200
100
50
0
50
100
0
100
200
3.937
7.874
3.937
7.874
Operating position ℓ (mm in)
Center
Left
Right
Center
Left
Right
Operating angle θ (°)
Receiver
Emitter
L
ℓ
Receiver
Emitter
θ
L
100
50
0
50
100
3.937
1.969
1.969
3.937
0
400
800
100
50
0
50
100
0
400
800
200
600
15.748
31.496
7.874
23.622
200
600
15.748
31.496
7.874
23.622
Center
Left
Right
Operating angle θ (°)
Operating position ℓ (mm in)
Center
Left
Right
Receiver
Emitter
L
ℓ
Receiver
Emitter
θ
L
SENSING CHARACTERISTICS (TYPICAL)
EX-Z11F□ EX-Z11□
Thru-beam type
Parallel deviation
Parallel deviation
Parallel deviation
Angular deviation
Angular deviation
Angular deviation
I/O CIRCUIT DIAGRAMS
NPN output type
I/O circuit diagram
PNP output type
I/O circuit diagram
Users’ circuit
Internal circuit
20 mA max.
Tr
D1
ZD
(Blue) 0 V
+
−
12 to 24 V DC
±10 %
(Brown) +V
(Black) Output (Note)
Color code
Load
D2
Note: The emitter does not incorporate the output.
Symbols … D1: Reverse supply polarity protection diode
D2: Reverse output polarity protection diode
ZD: Surge absorption zener diode
Tr: NPN output transistor
Users’ circuit
Internal circuit
D1
20mA max.
ZD
Tr
(Black) Output (Note)
(Blue) 0 V
12 to 24 V DC
±10 %
+
−
(Brown) +V
Load
Color code
D2
Note: The emitter does not incorporate the output.
Symbols … D1: Reverse supply polarity protection diode
D2: Reverse output polarity protection diode
ZD: Surge absorption zener diode
Tr: PNP output transistor
EX-Z12F□ EX-Z12□
Thru-beam type
EX-Z13F□ EX-Z13□
Thru-beam type
6
Ultra-minute Photoelectric Sensor
EX-Z SERIES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com