Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX-Z12FA-R Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EX-Z12FA-R
Description  Ultra-minute Photoelectric Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EX-Z12FA-R Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EX-Z12FA-R Datasheet HTML 1Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 2Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 3Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 4Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 5Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 6Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 7Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SPECIFICATIONS
Type
Thru-beam
Front sensing
Side sensing
Front sensing
Side sensing
Front sensing
Side sensing
Model No.
(Note 2)
Light-ON
EX-Z11FA(-P)(-R) EX-Z11A(-P)(-R) EX-Z12FA(-P)(-R) EX-Z12A(-P)(-R) EX-Z13FA(-P)(-R) EX-Z13A(-P)(-R)
Item
Dark-ON
EX-Z11FB(-P)(-R) EX-Z11B(-P)(-R) EX-Z12FB(-P)(-R) EX-Z12B(-P)(-R) EX-Z13FB(-P)(-R) EX-Z13B(-P)(-R)
Sensing distance
50 mm 1.969 in
200 mm 7.874 in
500 mm 19.685 in
Minimum sensing object
ø0.3 mm ø0.012 in opaque object
(Completely beam interrupted object)
Setting distance between emitter
and receiver: 50 mm 1.969 in
ø0.5 mm ø0.02 in opaque object
(Completely beam interrupted object)
Setting distance between emitter
and receiver: 200 mm 7.874 in
ø1.0 mm ø0.039 in opaque object
(Completely beam interrupted object)
Setting distance between emitter
and receiver: 500 mm 19.685 in
Hysteresis
‒
Repeatability
(Perpendicular to sensing axis)
0.02 mm 0.001 in or less
0.03 mm 0.001 in or less
0.05 mm 0.002 in or less
Supply voltage
12 to 24 V DC ±10 % Ripple P-P 10 % or less
Current consumption
Emitter: 10 mA or less, Receiver: 10 mA or less
Output
<NPN output type>
NPN open-collector transistor
• Maximum sink current: 20 mA
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 1.5 V or less (at 20 mA sink current)
<PNP output type>
PNP open-collector transistor
• Maximum source current: 20 mA
• Applied voltage: 30 V DC or less (between output and +V)
• Residual voltage: 1.5 V or less (at 20 mA source current)
Short-circuit protection
Incorporated
Response time
0.5 ms or less
Operation indicator
Orange LED (Lights up when the sensing output is ON)
Stability indicator
Green LED (Lights up under the stable light received condition or the stable dark condition)
Protection
IP67 (IEC)
Ambient temperature
-10 to +55 °C 14 to +131 °F (No dew condensation or icing allowed), Storage: -30 to +70 °C -22 to +158 °F
Ambient humidity
35 to 85 % RH, Storage: 35 to 85 % RH
Ambient illuminance
Incandescent light: 5,000 ℓx at the light-receiving face
Voltage withstandability
1,000 V AC for one min. between all supply terminals connected together and enclosure
Insulation resistance
20 MΩ or more, with 250 V DC megger between all supply terminals connected together and enclosure
Vibration resistance
10 to 500 Hz frequency, 3 mm 0.118 in amplitude in X, Y and Z directions for two hours each
Shock resistance
500 m/s2 acceleration (50 G approx.) in X, Y and Z directions for three times each
Light emitting element
Red LED (Peak emission wavelength: 650 nm 0.026 mil, modulated)
Grounding
Floating
Material
Enclosure: PBT, Lens: Polycarbonate, Metallic part: Stainless steel (SUS304) (SUS301 for rear side of front sensing type)
Cable (Note 3)
0.1 mm2 3-core (emitter: 2-core) cabtyre cable, 2 m 6.562 ft long
Cable extension
Extension up to total 50 m 164 ft is possible with 0.3 mm2, or more, cable (both emitter and receiver).
Weight
Net weight (each emitter and receiver): 15 g approx., Gross weight: 35 g approx.
Accessories
M2 mounting screws: 1 set (front sensing type: 6 mm 0.236 in in length; side sensing type: 10 mm 0.394 in in length)
PRECAUTIONS FOR PROPER USE
• Never use this product as a sensing device for personnel protection.
• In case of using sensing devices for personnel protection, use products which meet laws and standards, such as OSHA, ANSI
or IEC etc., for personnel protection applicable in each region or country.
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23°C 73°F.
2) Model Nos. having the “
-P” are PNP output type and model Nos. having the “-R” are inflection resistant cable type.
3) The inflection resistant cable type has a 0.1 mm2 3-core (thru-beam type emitter: 2-core) flexible cabtyre cable, 2 m 6.562 ft long.
Mounting
•
In case of mounting on tapped holes (Unit: mm in)
The tightening torque should be 0.2 N·m or less.
•
In case of using attached screws and nuts (Unit: mm in)
The tightening torque should be 0.2 N·m or less.
Side sensing
Front sensing
Side sensing
Front sensing
M2 screw (length 10 0.394)
(accessory)
M2 × 0.4 0.016 hole
tapped, 5 0.197 deep
8.5
0.335
Sensing
direction
8.5
0.335
Sensing
direction
M2 × 0.4 0.016 hole
tapped, 7 0.276 deep
M2 screw (length 6 0.236)
(accessory)
8.5
0.335
Sensing
direction
M2 screw (length 10 0.394)
(accessory)
Thickness of mounting
plate: 2 0.079 or less
Nut
Spring
washer
Flat
washer
8.5
0.335
Sensing
direction
Thickness of mounting
plate: 2 0.079 or less
M2 screw (length 6 0.236)
(accessory)
Nut
Spring
washer
Flat
washer
Other
• Do not use during the initial transient time (0.5 sec. approx.) after the power supply is switched on.
5
Ultra-minute Photoelectric Sensor
EX-Z SERIES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com