Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX-Z12FA-R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EX-Z12FA-R
Description  Ultra-minute Photoelectric Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EX-Z12FA-R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EX-Z12FA-R Datasheet HTML 1Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 2Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 3Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 4Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 5Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 6Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 7Page - Panasonic Semiconductor EX-Z12FA-R Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Inflection resistant cable type available for all models
IP67 protective structure
Inflection resistant cable type with
improved flex resistance is available
for all models. Select the model
suitable for your specific application.
The standard type comes with lead
wires with the same diameter as
previous models, but the outside
diameter of the cable is 2.0 mm
0.079 in and thinner than the cables
of the
EX-10 series. This facilitates
cable routing.
The sensors features an IP67
protective structure to allow their use
in process lines where water is used
or splashed.
Rust-resistant stainless steel sensor
mounting brackets and screws are
available.
Note: If water splashes on the sensor during
sensing operation, it may sense water as
an object.
Detection of parts in parts feeder
Detection of presence / absence of test
tube tray
Detection of LED lead
Spacer for mounting at the back
(for front sensing type only)
Operation indicator (orange) can
be checked from the rear side.
Through-wall detection
A wide range of applications
Examples of applications
A variety of mounting brackets are available!
A spacer for mounting at the back (1 type) for through-wall sensing and sensor
mounting brackets (3 types) are available to meet a diversity of sensor installation
needs.
Options
IP67
(IEC)
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com