Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MLFST Datasheet(PDF) 19 Page - NXP Semiconductors

Part # S32K311NHT0MLFST
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MLFST Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button S32K311NHT0MLFST Datasheet HTML 15Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 16Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 17Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 18Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 19Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 20Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 21Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 22Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 142 page
background image
Table 2. Absolute maximum ratings (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
V11
High-current core
logic supply input 1
-0.3
—
1.26
V
For S32K388
—
V11
Core logic
voltage supply
(1.1 V), internally
regulated 1
-0.3
—
1.26
V
For all S32K3xx
variants except
S32K388
—
VREFH
ADC high reference
voltage 1,2
-0.3
—
6.0
V
—
—
VREFL
ADC low reference
voltage 1
-0.3
—
0.3
V
—
—
VGPIO_trans
Transient
overshoot voltage
allowed on I/
O pin 1,2,4
-
—
6.0
V
—
—
I_INJPAD_DC_
ABS
Continuous DC
input current
(positive/negative)
that can be injected
into an I/O pin 5
-3
—
3
mA
—
—
I_INJSUM_DC_
ABS
Sum of absolute
value of injected
currents on all the
I/O pins (continuous
DC limit) 5,6
—
—
30
mA
—
—
TSTG
Storage ambient
temperature 7
-55
—
150
°C
—
—
1.
All voltages are referred to VSS unless otherwise specified.
2.
6.0 V maximum for 10 hours over lifetime; 7.0 V maximum for 60 seconds over lifetime.
3.
Voltage at VDD_DCDC cannot be higher than VDD_HV_A.
4.
When a low impedance voltage source, without current limitation, is connected to one or more I/0 pins, the VGPIO_trans
absolute max rating must be honored. During current injection, the voltage at the I/0 pin or pins could go beyond this limit if
(and ONLY IF) the injected current is being limited (I_INJPAD_DC_ABS is respected).
5.
When the input pad voltage levels are close to VDD_HV_A (respectively to VDD_HV_B) or VSS, plus /minus the forward
voltage of ESD diodes, practically, no current is being injected. When these limits are exceeded, the maximum input
current spec must be honored. See S32K3 Hardware Design Guidelines for more details and recommendations for
protecting the devices against injection current.
6.
If a positive injection current is present in one or more I/O pins when the device is in Low Speed RUN or STANDBY mode,
the voltage in the respective I/O power domain (VDD_HV_A or VDD_HV_B) would increase and may cause damage to the
MCU. It is recommended to add external circuitry (which are explained in the S32K3XX Hardware Design Guidelines) to
protect the MCU against injection current.
7.
TSTG specifies the storage temperature range. It is not the operating temperature range. Please refer to the Thermal
operating characteristics table.
NXP Semiconductors
General
S32K3xx Data Sheet, Rev. 9, 01/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
19 / 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com