Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MLFST Datasheet(PDF) 94 Page - NXP Semiconductors

Part # S32K311NHT0MLFST
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MLFST Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button S32K311NHT0MLFST Datasheet HTML 90Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 91Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 92Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 93Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 94Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 95Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 96Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 97Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 142 page
background image
12.2 LPSPI0 20 MHz and 15 MHz Combinations
15 and 20 Mbps is supported on LPSPI0 only.
NOTE
All measurements are with maximum output load of 25pF (except 30pF support on K358 with Standard-Plus IOs, and 50pF
support on K388 with Standard-Plus IOs). S32K31x devices support only 15 MHz modes and all other devices support both 15
and 20 MHz combinations.
Table 45. LPSPI0 20 MHz and 15 MHz Combinations
PORT
SPI Signal
20Mbps (In loopback
mode only)
15 Mbps
PTB1
LPSPI0_SOUT
LPSPI0_SOUT
PTB0
LPSPI0_PCS0
LPSPI0_PCS0
PTC9
LPSPI0_SIN
LPSPI0_SIN
PTC8
LPSPI0_SCK
LPSPI0_SCK
PTD6
LPSPI0_PCS0
LPSPI0_PCS0
PTD5
LPSPI0_PCS1
LPSPI0_PCS1
PTD12
LPSPI0_SOUT
LPSPI0_SOUT
PTD11
LPSPI0_SCK
LPSPI0_SCK
PTD10
LPSPI0_SIN
LPSPI0_SIN
Trace length should not exceed 11 inches for SCK pad when used in Master loopback mode.
NOTE
12.3 LPSPI2 and LPSPI5 20MHz combination for S32K388
LPSPI running at 20MHz speed is possible only on specific pads as per table below.
NOTE
All measurements are with maximum output load of 25pF.
Table 46. LPSPI2 and LPSPI5 20MHz combination for S32K388
LPSPI Instance
Signal Type
PIN
LPSPI Signal
LPSPI2 Master Loopback
PCS
PTF7
LPSPI2_PCS0
SCK
PTA11
LPSPI2_SCK
SOUT
PTF4
LPSPI2_SOUT
SIN
PTE24
LPSPI2_SIN
LPSPI5 Master Loopback
PCS
PTG23
LPSPI5_PCS0
SCK
PTD31
LPSPI5_SCK
SOUT
PTG25
LPSPI5_SOUT
SIN
PTD28
LPSPI5_SIN
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 9, 01/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
94 / 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com