Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MLFST Datasheet(PDF) 25 Page - NXP Semiconductors

Part # S32K311NHT0MLFST
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MLFST Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button S32K311NHT0MLFST Datasheet HTML 21Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 22Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 23Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 24Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 25Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 26Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 27Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 28Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 142 page
background image
Table 8. Boot time, HSE firmware installed (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
when HSE firmware
is installed.
tBOOT_HSE
After a POR event,
amount of time to
execution of the
first instruction of
the application core,
when HSE firmware
is installed.
—
9.51
—
ms
Device running from
PLL (clocking option
B). CORE_CLK = 120
MHz; HSE_CLK = 120
MHz.
—
tBOOT_HSE
After a POR event,
amount of time to
execution of the
first instruction of
the application core,
when HSE firmware
is installed.
—
10.91
—
ms
Device running from
PLL (clocking option
A). CORE_CLK = 160
MHz; HSE_CLK = 80
MHz.
—
6.1.4 HSE firmware memory verification time examples
Table 9. HSE firmware memory verification time examples
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tCMAC_64KB
Memory verification
of 64 KB of
application firmware,
using AES-128
CMAC cipher.
—
11.3
—
ms
Device running from
FIRC (clocking option
D). CORE_CLK = 48
MHz; HSE_CLK = 48
MHz.
—
tCMAC_1024KB
Memory verification
of 1024 KB of
application firmware,
using AES-128
CMAC cipher.
—
176
—
ms
Device running from
FIRC (clocking option
D). CORE_CLK = 48
MHz; HSE_CLK = 48
MHz.
—
tGMAC_64KB
Memory verification
of 64 KB of
application firmware,
using AES-128
GMAC cipher.
—
3.2
—
ms
Device running from
FIRC (clocking option
D). CORE_CLK = 48
MHz; HSE_CLK = 48
MHz.
—
tGMAC_1024KB
Memory verification
of 1024 KB of
application firmware,
using AES-128
GMAC cipher.
—
46.8
—
ms
Device running from
FIRC (clocking option
D). CORE_CLK = 48
MHz; HSE_CLK = 48
MHz.
—
tHMAC_64KB
Memory verification
of 64 KB of
—
1.74
—
ms
Device running from
FIRC (clocking option
—
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9, 01/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
25 / 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com