Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MLFST Datasheet(PDF) 69 Page - NXP Semiconductors

Part # S32K311NHT0MLFST
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MLFST Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button S32K311NHT0MLFST Datasheet HTML 65Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 66Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 67Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 68Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 69Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 70Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 71Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 72Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 142 page
background image
Table 26. 5.0V (4.5V - 5.5V) GPIO Output AC Specification (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TR_TF_50_SP
5.0V Standard
Plus GPIO rise/fall
time 1,2,3
1
—
7.1
ns
DSE=1 CL (max) =
25pF
—
TR_TF_50_SP
5.0V Standard
Plus GPIO rise/fall
time 1,2,3,4
6.4
—
18.8
ns
DSE=0 CL (max) =
50pF
—
TR_TF_50_SP
5.0V Standard
Plus GPIO rise/fall
time 1,2,3,4
3.4
—
11
ns
DSE=1 CL (max)
=50pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time 1,2,3
1.8
—
8.2
ns
DSE=0, SRE=0 CL
(max) = 25pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time 1,2,3
2.5
—
9.8
ns
DSE=0, SRE=1 CL
(max) = 25pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time 1,2,3
0.7
—
4.5
ns
DSE=1, SRE=0 CL
(max) = 25pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time 1,2,3
1.8
—
7.2
ns
DSE=1, SRE=1 CL
(max) = 25pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time 1,2,3,4
3.95
—
13.2
ns
DSE=0, SRE=0 CL
(max) = 50pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time 1,2,3,4
4.3
—
13.8
ns
DSE=0, SRE=1 CL
(max) = 50pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time 1,2,3,4
1.6
—
7.1
ns
DSE=1, SRE=0 CL
(max) = 50pF
—
TR_TF_50_M
5.0V Medium GPIO
rise/fall time 1,2,3,4
2.7
—
9.6
ns
DSE=1, SRE=1 CL
(max) = 50pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time 1,2,3
0.4
—
3.15
ns
DSE=0, SRE=0 CL
(max) = 25pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time 1,2,3
1.5
—
6.7
ns
DSE=0, SRE=1 CL
(max) = 25pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time 1,2,3
0.3
—
2.02
ns
DSE=1, SRE=0 CL
(max) = 25pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time 1,2,3
0.9
—
4.85
ns
DSE=1, SRE=1 CL
(max) = 25pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time 1,2,3,4
1.0
—
5.8
ns
DSE=0, SRE=0 CL
(max) = 50pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time 1,2,3,4
1.9
—
8.5
ns
DSE=0, SRE=1 CL
(max) = 50pF
—
TR_TF_50_F
5.0V Fast GPIO rise/
fall time 1,2,3,4
0.9
—
3.0
ns
DSE=1, SRE=0 CL
(max) = 50pF
—
Table continues on the next page...
NXP Semiconductors
I/O parameters
S32K3xx Data Sheet, Rev. 9, 01/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
69 / 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com