Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1284-03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1284-03
Description  PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1284-03 Datasheet(HTML) 1 Page - STMicroelectronics

  ST1284-03 Datasheet HTML 1Page - STMicroelectronics ST1284-03 Datasheet HTML 2Page - STMicroelectronics ST1284-03 Datasheet HTML 3Page - STMicroelectronics ST1284-03 Datasheet HTML 4Page - STMicroelectronics ST1284-03 Datasheet HTML 5Page - STMicroelectronics ST1284-03 Datasheet HTML 6Page - STMicroelectronics ST1284-03 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
ST1284-xxA8/T8
®
July 2002 - Ed: 1B
s
One device for parallel port termination
s
Compliant with IEEE1284 standard
s
EMI / RFI noise filtering
s
Highly integrated solution in 28 pin QSOP and
TSSOP packages
s
One single device provides the proper termina-
tion for 8 datalines, 1 strobe line, 4 control lines
and 4 statuts lines
s
In system ESD protection of ±15 kV (air dis-
charge) as per IEC61000-4-2 level 4
FEATURES
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
Gnd
Vcc
Vcc
Vcc
Vcc
Vcc
R1
C
R1
C
R1
R2
C
R1
R1
R1
R1
R1
R2
R1
R2
R1
R2
R1
R1
R2
C
Rs
C
Rs
C
Rs
C
Rs
C
Rs
C
Rs
C
Rs
C
Rs
Rs
C
C
C
C
C
C
SCHEMATIC DIAGRAM
PARALLEL PORT SINGLE TERMINATION
NETWORK WITH ±15kV ESD PROTECTION
A.S.D.
TM
ECP/EPP Parallel Port termination on:
s
Desktops
s
Notebooks
s
Workstations
s
Servers
s
PC Peripherals
s
Set Top Box
MAIN APPLICATIONS
The ST1284-xxA8/T8 is a highly integrated termi-
nation for enhanced high speed parallel ports. The
integrated termination complies to the IEEE1284
Standard
recommendations
and
government
EMC compatibility requirements. It is built around
two basic cells. The first one (Cell 1) provides line
termination, EMI filtering and ESD protection for
the Strobe and Datalines while the second one
(Cell 2) provides EMI filtering and ESD protection
for the Control and Status lines. In addition,
ST1284-xxA8 provides extra protection against
ESD. When tested according to IEC61000-4-2,
they withstand ±8kV contact discharges and
±15kV air-discharges, thereby providing to the
system the necessary robustness to meet up to
level 4 of IEC61000-4-2, without the need for addi-
tional ESD protection components. Cells 1 and 2
are described in more detail in figures 1 and 2.
DESCRIPTION
QSOP28 / TSSOP28
R1
R2
Rs
C
Code 01
4.7k
Ω
4.7k
Ω
33
Ω
180pF
Code 02
2.2k
Ω
2.2k
Ω
33
Ω
220pF
Code 03
1k
Ω
5.1k
Ω
39
Ω
150pF
Tolerance
± 10%
± 10%
± 10%
± 20%
- IEC61000-4-2
±15kV (air discharge)
± 8kV
(contact discharge)
- MIL STD 883E - Method 3015-7 : Class 3
(human body model).
COMPLIES
WITH
THE
FOLLOWING
ESD
STANDARDS :


Similar Part No. - ST1284-03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
Oct-2003
More results

Similar Description - ST1284-03

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6500AA-2 NPC-SM6500AA-2 Datasheet
91Kb / 5P
RC Network with ESD Protection
logo
STMicroelectronics
ST1394 STMICROELECTRONICS-ST1394 Datasheet
164Kb / 6P
IEEE1394 ONE PORT CABLE TERMINATION NETWORK WITH ESD PROTECTION DIODES
28-Oct-2004
logo
California Micro Device...
PACVGA100 CALMIRCO-PACVGA100 Datasheet
75Kb / 5P
VGA Port ESD Protection and Termination Network
logo
STMicroelectronics
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
Oct-2003
logo
California Micro Device...
PACSZ1284 CALMIRCO-PACSZ1284_06 Datasheet
199Kb / 7P
IEEE 1284 Parallel Port ESD/EMI/Termination Network
logo
ON Semiconductor
PACSZ1284 ONSEMI-PACSZ1284 Datasheet
434Kb / 11P
IEEE 1284 Parallel Port ESD/EMI/Termination Network
May 2010 Rev. 3
logo
STMicroelectronics
ST1284 STMICROELECTRONICS-ST1284_12 Datasheet
212Kb / 10P
Parallel port single termination network with ±15 kV ESD protection
11-May-2012
logo
Unisonic Technologies
URCZ1284L-01-SQ8-T UTC-URCZ1284L-01-SQ8-T Datasheet
232Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15KV ESD PROTECTION
logo
Coolgear Inc.
CG-U31IS4PH COOLGEAR-CG-U31IS4PH Datasheet
118Kb / 3P
4 Port USB 3.1 Gen1 Isolated Hub with 15KV ESD Surge Protection
logo
Unisonic Technologies
URCZ1284-XX UTC-URCZ1284-XX Datasheet
231Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15KV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com