Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1284-03 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST1284-03
Description  PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1284-03 Datasheet(HTML) 2 Page - STMicroelectronics

  ST1284-03 Datasheet HTML 1Page - STMicroelectronics ST1284-03 Datasheet HTML 2Page - STMicroelectronics ST1284-03 Datasheet HTML 3Page - STMicroelectronics ST1284-03 Datasheet HTML 4Page - STMicroelectronics ST1284-03 Datasheet HTML 5Page - STMicroelectronics ST1284-03 Datasheet HTML 6Page - STMicroelectronics ST1284-03 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST1284-xxA8/T8
2/7
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC61000-4-2, air discharge
±16
kV
ESD discharge IEC61000-4-2, contact discharge
±9
kV
ESD discharge - MIL STD 883E - Method 3015-7
±25
kV
Vcc
Supply voltage
5.5
V
Pr
Power rating per resistor
100
mW
PP
Package Power rating
1W
Top
Operating temperature range
0 to +70
°C
Tstg
Storage temperature range
-55 to +150
°C
Tj
Maximum operating junction temperature
125
°C
ABSOLUTE MAXIMUM RATINGS (Tamb
25°C)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IR
Leakage current
Vcc = 5.0V
10
µA
VBR
Breakdown voltage
IR = 1mA
6
V
VF
Forward voltage drop
IF = 50mA
0.9
V
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
The ST1284-xxA8/T8 is built around the two basic cells described below which integrate the recom-
mended IEEE1284 network and the ESD protection compatible with IEC61000-4-2 level 4
BASIC CELL CONFIGURATIONS
C
IEEE1284
Recommendation
Vcc
Gnd
Rp
Rs
Fig. 1:Cell 1 for line termination, EMI filtering and
ESD protection for the Datalines and Strobe sig-
nals. There are 9 of these cells inside the
ST1284-xxA8/T8
C
IEEE1284
Recommendation
Vcc
Gnd
Rp
Fig. 2: Cell 2 for EMI filtering and ESD protection
of the Control and Status signals. There are 8 of
these cells inside the ST1284-xxA8/T8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com